Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV932MAX Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV932MAX
Description  LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV932MAX Datasheet(HTML) 3 Page - Texas Instruments

  LMV932MAX Datasheet HTML 1Page - Texas Instruments LMV932MAX Datasheet HTML 2Page - Texas Instruments LMV932MAX Datasheet HTML 3Page - Texas Instruments LMV932MAX Datasheet HTML 4Page - Texas Instruments LMV932MAX Datasheet HTML 5Page - Texas Instruments LMV932MAX Datasheet HTML 6Page - Texas Instruments LMV932MAX Datasheet HTML 7Page - Texas Instruments LMV932MAX Datasheet HTML 8Page - Texas Instruments LMV932MAX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LMV931-N, LMV931-N-Q1, LMV932-N, LMV932-N-Q1
LMV934-N, LMV934-N-Q1
www.ti.com
SNOS993L – NOVEMBER 2001 – REVISED MARCH 2013
1.8V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 1.8V, V = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes. See
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
(2)
(3)
(2)
TCVOS
Input Offset Voltage Average
5.5
μV/°C
Drift
IB
Input Bias Current
15
35
nA
50
IOS
Input Offset Current
13
25
nA
40
IS
Supply Current (per channel)
103
185
μA
205
CMRR
Common Mode Rejection Ratio
LMV931-N, 0
≤ VCM ≤ 0.6V
60
78
1.4V
≤ VCM ≤ 1.8V
(4)
55
LMV932-N and LMV934-N
55
76
0
≤ VCM ≤ 0.6V
50
dB
1.4V
≤ VCM ≤ 1.8V
(4)
−0.2V ≤ VCM ≤ 0V
50
72
1.8V
≤ VCM ≤ 2.0V
PSRR
Power Supply Rejection Ratio
1.8V
≤ V+ ≤ 5V
75
100
dB
70
CMVR
Input Common-Mode Voltage
For CMRR Range TA = 25°C
V
−0.2
−0.2 to 2.1
V+ +0.2
Range
≥ 50dB
TA −40°C to
V
V+
V
85°C
TA = 125°C
V+0.2
V+
−0.2
AV
Large Signal Voltage Gain
RL = 600Ω to 0.9V,
77
101
LMV931-N (Single)
VO = 0.2V to 1.6V, VCM = 0.5V
73
dB
RL = 2kΩ to 0.9V,
80
105
VO = 0.2V to 1.6V, VCM = 0.5V
75
Large Signal Voltage Gain
RL = 600Ω to 0.9V,
75
90
LMV932-N (Dual)
VO = 0.2V to 1.6V, VCM = 0.5V
72
dB
LMV934-N (Quad)
RL = 2kΩ to 0.9V,
78
100
VO = 0.2V to 1.6V, VCM = 0.5V
75
VO
Output Swing
RL = 600Ω to 0.9V
1.65
1.72
VIN = ±100mV
1.63
0.077
0.105
0.120
V
RL = 2kΩ to 0.9V
1.75
1.77
VIN = ±100mV
1.74
0.024
0.035
0.04
IO
Output Short Circuit Current(5)
Sourcing, VO = 0V
4
8
VIN = 100mV
3.3
mA
Sinking, VO = 1.8V
7
9
VIN = −100mV
5
(4)
For guaranteed temperature ranges, see Input Common-Mode Voltage Range specifications.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45mA over long term may adversely affect
reliability.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1


Similar Part No. - LMV932MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV932MAX NSC-LMV932MAX Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Texas Instruments
LMV932MAX TI1-LMV932MAX Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932MAX TI1-LMV932MAX Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932MAX/NOPB TI1-LMV932MAX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932MAX/NOPB TI1-LMV932MAX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Similar Description - LMV932MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV821-N TI1-LMV821-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV324-N-Q1 TI-LMV324-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321-N-Q1 TI-LMV321-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV358-N-Q1 TI-LMV358-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com