Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33064SN-5T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33064SN-5T1G
Description  Undervoltage Sensing Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33064SN-5T1G Datasheet(HTML) 5 Page - ON Semiconductor

  MC33064SN-5T1G Datasheet HTML 1Page - ON Semiconductor MC33064SN-5T1G Datasheet HTML 2Page - ON Semiconductor MC33064SN-5T1G Datasheet HTML 3Page - ON Semiconductor MC33064SN-5T1G Datasheet HTML 4Page - ON Semiconductor MC33064SN-5T1G Datasheet HTML 5Page - ON Semiconductor MC33064SN-5T1G Datasheet HTML 6Page - ON Semiconductor MC33064SN-5T1G Datasheet HTML 7Page - ON Semiconductor MC33064SN-5T1G Datasheet HTML 8Page - ON Semiconductor MC33064SN-5T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 11. Voltage Monitor
Figure 12. Solar Powered Battery Charger
Figure 13. Low Power Switching Regulator
Figure 14. MOSFET Low Voltage Gate Drive Protection
Overheating of the logic level power MOSFET due to insufficient gate voltage can be prevented with the above
circuit. When the input signal is below the 4.6 V threshold of the MC34064, its output grounds the gate of the L2
MOSFET.
270
4.6V
VCC
RL
MTP3055EL
Input
Reset
GND
-
+
1.2Vref
Input
GND
-
+
1.2Vref
Power
Supply
+
-
1.0k
Input
Reset
GND
-
+
1.2Vref
+
-
Solar
Cells
Input
Reset
GND
-
+
1.2Vref
Vin = 11.5
to 14.5V
470
+
MPSW51A
25
mH
VO = 5.0 V
IO = 50 mA
470
+
680
22
+
1N5819
1.2k
330
1N756
4.7k
Reset
MC34064, MC33064, NCV33064
http://onsemi.com
5
Test
Conditions
Results
Line Regulation
Vin = 11.5 V to 14.5 V, IO = 50 mA
35 mV
Load Regulation
Vin = 12.6 V, IO = 0 mA to 50 mA
12 mV
Output Ripple
Vin = 12.6 V, IO = 50 mA
60 mVpp
Efficiency
Vin = 12.6 V, IO = 50 mA
77%


Similar Part No. - MC33064SN-5T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33064SN-5T1G ONSEMI-MC33064SN-5T1G Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results

Similar Description - MC33064SN-5T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com