Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3671MFX-2.8 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3671MFX-2.8
Description  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671MFX-2.8 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3671MFX-2.8 Datasheet HTML 4Page - Texas Instruments LM3671MFX-2.8 Datasheet HTML 5Page - Texas Instruments LM3671MFX-2.8 Datasheet HTML 6Page - Texas Instruments LM3671MFX-2.8 Datasheet HTML 7Page - Texas Instruments LM3671MFX-2.8 Datasheet HTML 8Page - Texas Instruments LM3671MFX-2.8 Datasheet HTML 9Page - Texas Instruments LM3671MFX-2.8 Datasheet HTML 10Page - Texas Instruments LM3671MFX-2.8 Datasheet HTML 11Page - Texas Instruments LM3671MFX-2.8 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
2 MHz
Oscillator
Soft
Start
Ramp
Generator
Thermal
Shutdown
Undervoltage
Lockout
Frequency
Compensation
+
-
Error
Amp
Control Logic
Driver
Current Limit
Comparator
Ref1
PFM Current
Comparator
Ref2
SW
Zero Crossing
Comparator
FB
EN
VIN
PWM Comparator
pfm_low
pfm_hi
GND
Bandgap
+
-
Vcomp
1.0V
Fixed Ver
Adj Ver
+
-
0.5V
+
-
+
-
VREF
LM3671
LM3671Q
SNVS294P – NOVEMBER 2004 – REVISED MAY 2013
www.ti.com
BLOCK DIAGRAM
Figure 6. Simplified Functional Diagram
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3671 LM3671Q


Similar Part No. - LM3671MFX-2.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671MFX-2.8 NSC-LM3671MFX-2.8 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-2.8 NSC-LM3671MFX-2.8 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MFX-2.8/NOPB TI1-LM3671MFX-2.8/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Similar Description - LM3671MFX-2.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com