Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33152DG Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33152DG
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33152DG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33152DG Datasheet HTML 4Page - ON Semiconductor MC33152DG Datasheet HTML 5Page - ON Semiconductor MC33152DG Datasheet HTML 6Page - ON Semiconductor MC33152DG Datasheet HTML 7Page - ON Semiconductor MC33152DG Datasheet HTML 8Page - ON Semiconductor MC33152DG Datasheet HTML 9Page - ON Semiconductor MC33152DG Datasheet HTML 10Page - ON Semiconductor MC33152DG Datasheet HTML 11Page - ON Semiconductor MC33152DG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC34152, MC33152, NCV33152
http://onsemi.com
9
Output Load Regulation
IO (mA)
+VO (V)
−VO (V)
0
27.7
−13.3
1.0
27.4
−12.9
10
26.4
−11.9
20
25.5
−11.2
30
24.6
−10.5
50
22.6
−9.4
Figure 22. Controlled MOSFET Drive
Figure 23. Bipolar Transistor Drive
In noise sensitive applications, both conducted and radiated EMI can
be reduced significantly by controlling the MOSFET's turn-on and
turn-off times.
The totem-pole outputs can furnish negative base current for
enhanced transistor turn-off, with the addition of capacitor C1.
Vin
Rg(off)
Rg(on)
Base
Charge
Removal
Vin
IB
C1
+
-
0
Figure 24. Dual Charge Pump Converter
The capacitor's equivalent series resistance limits the Drive Output Current to 1.5 A. An
additional series resistor may be required when using tantalum or other low ESR capacitors.
-
+
VCC = 15V
6
2
4
3
5
7
+
5.7V
+
+
+
VCC
10k
100k
330
pF
47
0.1
6.8
10
6.8
10
1N5819
1N5819
47
47
+
+
+ VO ≈ 2 .0VCC
- VO ≈ -VCC
2N3904


Similar Part No. - MC33152DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33152DG ONSEMI-MC33152DG Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results

Similar Description - MC33152DG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com