Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4687DSN18T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4687DSN18T1G
Description  500 mA, High PSRR, LDO Linear Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4687DSN18T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4687DSN18T1G Datasheet HTML 2Page - ON Semiconductor NCP4687DSN18T1G Datasheet HTML 3Page - ON Semiconductor NCP4687DSN18T1G Datasheet HTML 4Page - ON Semiconductor NCP4687DSN18T1G Datasheet HTML 5Page - ON Semiconductor NCP4687DSN18T1G Datasheet HTML 6Page - ON Semiconductor NCP4687DSN18T1G Datasheet HTML 7Page - ON Semiconductor NCP4687DSN18T1G Datasheet HTML 8Page - ON Semiconductor NCP4687DSN18T1G Datasheet HTML 9Page - ON Semiconductor NCP4687DSN18T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP4687
http://onsemi.com
6
TYPICAL CHARACTERISTICS
0.67
0.68
0.69
0.7
0.71
0.72
−50
−25
0
25
50
75
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 9. Output Voltage vs. Temperature,
0.7 V Version
2.45
2.47
2.49
2.51
2.53
2.55
−50
−25
0
25
50
75
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 10. Output Voltage vs. Temperature,
2.5 V Version
3.57
3.58
3.59
3.6
3.61
3.62
TJ, JUNCTION TEMPERATURE (°C)
Figure 11. Output Voltage vs. Temperature,
3.6 V Version
−50
−25
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
100
200
300
400
500
IOUT, OUTPUT CURRENT (mA)
Figure 12. Dropout Voltage vs. Output Current,
0.7 V Version
25°C
85°C
−40°C
0
0.05
0.1
0.15
0.2
0.25
0.3
0
100
200
300
400
500
IOUT, OUTPUT CURRENT (mA)
Figure 13. Dropout Voltage vs. Output Current,
2.5 V Version
25°C
85°C
−40°C
0
0.05
0.1
0.15
0.2
0.25
0
100
200
300
400
500
IOUT, OUTPUT CURRENT (mA)
Figure 14. Dropout Voltage vs. Output Current,
3.6 V Version
25°C
85°C
−40°C


Similar Part No. - NCP4687DSN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4687DSN18T1G ONSEMI-NCP4687DSN18T1G Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
More results

Similar Description - NCP4687DSN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
logo
ON Semiconductor
NCP105 ONSEMI-NCP105 Datasheet
1Mb / 16P
   LDO Regulator - High PSRR 150 mA
September, 2019 ??Rev. 1
logo
New Japan Radio
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com