Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1031DR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1031DR2G
Description  Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1031DR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1031DR2G Datasheet HTML 4Page - ON Semiconductor NCP1031DR2G Datasheet HTML 5Page - ON Semiconductor NCP1031DR2G Datasheet HTML 6Page - ON Semiconductor NCP1031DR2G Datasheet HTML 7Page - ON Semiconductor NCP1031DR2G Datasheet HTML 8Page - ON Semiconductor NCP1031DR2G Datasheet HTML 9Page - ON Semiconductor NCP1031DR2G Datasheet HTML 10Page - ON Semiconductor NCP1031DR2G Datasheet HTML 11Page - ON Semiconductor NCP1031DR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NCP1030, NCP1031
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 10. Supply Voltage Thresholds vs.
Junction Temperature
Figure 11. Undervoltage Lockout Threshold
vs. Junction Temperature
Figure 12. Minimum Startup Voltage vs.
Junction Temperature
11.0
10.5
10.0
9.5
6.0
6.5
7.0
7.5
9.0
8.5
8.0
--50
--25
0
50
150
TJ, JUNCTION TEMPERATURE (C)
Figure 13. Reference Voltage vs. Junction
Temperature
75
100
125
25
Startup Threshold
Minimum Operating Threshold
TJ, JUNCTION TEMPERATURE (C)
Figure 14. COMP Source Current vs. Junction
Temperature
Figure 15. COMP Sink Current vs. Junction
Temperature
--50
--25
0
25
50
150
75
100
125
6.80
6.75
6.70
6.65
6.30
6.35
6.40
6.45
6.60
6.55
6.50
2.70
2.65
2.60
2.55
2.20
2.25
2.30
2.35
2.50
2.45
2.40
--25
TJ, JUNCTION TEMPERATURE (C)
--50
0
25
50
75
100
125 150
VCC =12 V
20.0
19.5
19.0
18.5
15.0
15.5
16.0
16.5
18.0
17.5
17.0
--25
TJ, JUNCTION TEMPERATURE (C)
--50
0
25
50
75
100
125 150
VCC =VCC(on) -- 0.2 V
ISTART =0.5 mA
VCC =12 V
VCOMP =2.5 V
VFB =2.3 V
145
140
135
130
95
100
105
110
125
120
115
--25
TJ, JUNCTION TEMPERATURE (C)
--50
0
25
50
75
100
125 150
840
790
740
690
390
440
490
640
590
540
340
--25
TJ, JUNCTION TEMPERATURE (C)
--50
0
25
50
75
100
125 150
VCC =12 V
VCOMP =2.5 V
VFB =2.7 V


Similar Part No. - NCP1031DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1031DR2G ONSEMI-NCP1031DR2G Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1031DR2G ONSEMI-NCP1031DR2G Datasheet
192Kb / 21P
   Low Power PWM Controller
September, 2014 ??Rev. 11
More results

Similar Description - NCP1031DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1030 ONSEMI-NCP1030 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030_06 Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1561 ONSEMI-NCP1561 Datasheet
250Kb / 22P
   Push-Pull PWM Controller for 48 V Telecom Systems
August, 2004 ??Rev. 3
logo
Fairchild Semiconductor
AN-7004 FAIRCHILD-AN-7004 Datasheet
85Kb / 12P
   Power Converter Topology and MOSFET Selection for 48-V Telecom
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
   Low Startup Current PFC/PWM Controller Combinations
logo
Shenzhen Winsemi Microe...
WS2297B WINSEMI-WS2297B Datasheet
414Kb / 9P
   Switch Power Supply PWM Controller
WS2295B WINSEMI-WS2295B Datasheet
415Kb / 9P
   Switch Power Supply PWM Controller
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com