Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC555 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555
Description  LMC555 CMOS Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC555 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC555 Datasheet HTML 5Page - Texas Instruments LMC555 Datasheet HTML 6Page - Texas Instruments LMC555 Datasheet HTML 7Page - Texas Instruments LMC555 Datasheet HTML 8Page - Texas Instruments LMC555 Datasheet HTML 9Page - Texas Instruments LMC555 Datasheet HTML 10Page - Texas Instruments LMC555 Datasheet HTML 11Page - Texas Instruments LMC555 Datasheet HTML 12Page - Texas Instruments LMC555 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LMC555
www.ti.com
SNAS558J – FEBRUARY 2000 – REVISED MARCH 2013
FREQUENCY DIVIDER
The monostable circuit of Figure 5 can be used as a frequency divider by adjusting the length of the timing cycle.
Figure 11 shows the waveforms generated in a divide by three circuit.
VCC = 5V
Top Trace: Input 4 V/Div.
TIME = 20 µs/Div.
Middle Trace: Output 2 V/Div.
RA = 9.1 kΩ
Bottom Trace: Capacitor 2 V/Div.
C = 0.01 µF
Figure 11. Frequency Divider Waveforms
PULSE WIDTH MODULATOR
When the timer is connected in the monostable mode and triggered with a continuous pulse train, the output
pulse width can be modulated by a signal applied to the Control Voltage Terminal. Figure 12 shows the circuit,
and in Figure 13 are some waveform examples.
Figure 12. Pulse Width Modulator
VCC = 5V
Top Trace: Modulation 1 V/Div.
TIME = 0.2 ms/Div.
Bottom Trace: Output Voltage 2 V/Div.
RA = 9.1 kΩ
C = 0.01 µF
Figure 13. Pulse Width Modulator Waveforms
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC555


Similar Part No. - LMC555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555 Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555 TI1-LMC555 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
LMC555-MD8 TI1-LMC555-MD8 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
logo
National Semiconductor ...
LMC555CBP NSC-LMC555CBP Datasheet
318Kb / 12P
   CMOS Timer
More results

Similar Description - LMC555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
   CMOS Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
   CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com