Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2574HVMX-ADJ Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2574HVMX-ADJ
Description  LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574HVMX-ADJ Datasheet(HTML) 4 Page - Texas Instruments

  LM2574HVMX-ADJ Datasheet HTML 1Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 2Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 3Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 4Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 5Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 6Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 7Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 8Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LM2574, LM2574HV
SNVS104C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
LM2574-5.0, LM2574HV-5.0 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.
Symbol
Parameter
Conditions
LM2574-5.0
Units
(Limits)
LM2574HV-5.0
Typ
Limit (1)
SYSTEM PARAMETERS Test Circuit in Figure 23 and Figure 24,(2)
VOUT
Output Voltage
VIN = 12V, ILOAD = 100 mA
5
V
4.900
V(Min)
5.100
V(Max)
VOUT
Output Voltage
7V
≤ VIN ≤ 40V, 0.1A ≤ ILOAD ≤ 0.5A
5
V
LM2574
4.800/4.750
V(Min)
5.200/5.250
V(Max)
VOUT
Output Voltage
7V
≤ VIN ≤ 60V, 0.1A ≤ ILOAD ≤ 0.5A
5
4.800/4.750
V(Min)
LM2574HV
5.225/5.275
V(Max)
η
Efficiency
VIN = 12V, ILOAD = 0.5A
77
%
(1)
All limits specified at room temperature (Standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level.
(2)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2574 is used as shown in the Figure 24 test circuit, system performance will be as shown in system parameters section of
Electrical Characteristics.
LM2574-12, LM2574HV-12 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.
Symbol
Parameter
Conditions
LM2574-12
Units
LM2574HV-12
(Limits)
Typ
Limit (1)
SYSTEM PARAMETERS Test Circuit in Figure 23 and Figure 24,(2)
VOUT
Output Voltage
VIN = 25V, ILOAD = 100 mA
12
V
11.76
V(Min)
12.24
V(Max)
VOUT
Output Voltage
15V
≤ VIN ≤ 40V, 0.1A ≤ ILOAD ≤ 0.5A
12
V
LM2574
11.52/11.40
V(Min)
12.48/12.60
V(Max)
VOUT
Output Voltage
15V
≤ VIN ≤ 60V, 0.1A ≤ ILOAD ≤ 0.5A
12
11.52/11.40
V(Min)
LM2574HV
12.54/12.66
V(Max)
η
Efficiency
VIN = 15V, ILOAD = 0.5A
88
%
(1)
All limits specified at room temperature (Standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level.
(2)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2574 is used as shown in the Figure 24 test circuit, system performance will be as shown in system parameters section of
Electrical Characteristics.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2574 LM2574HV


Similar Part No. - LM2574HVMX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2574HVMX-ADJ/NOPB TI1-LM2574HVMX-ADJ/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2574HVMX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com