Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3478MM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3478MM
Description  High-Efficiency Low-Side N-Channel Controller for Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3478MM Datasheet(HTML) 5 Page - Texas Instruments

  LM3478MM Datasheet HTML 1Page - Texas Instruments LM3478MM Datasheet HTML 2Page - Texas Instruments LM3478MM Datasheet HTML 3Page - Texas Instruments LM3478MM Datasheet HTML 4Page - Texas Instruments LM3478MM Datasheet HTML 5Page - Texas Instruments LM3478MM Datasheet HTML 6Page - Texas Instruments LM3478MM Datasheet HTML 7Page - Texas Instruments LM3478MM Datasheet HTML 8Page - Texas Instruments LM3478MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM3478
LM3478-Q1
www.ti.com
SNVS085V – JULY 2000 – REVISED FEBRUARY 2013
Typical Performance Characteristics
Unless otherwise specified, VIN = 12V, TJ = 25°C.
IQ vs
ISupply vs
Input Voltage (Shutdown)
Input Voltage (Non-Switching)
Figure 4.
Figure 5.
ISupply vs
Switching Frequency vs
VIN (Switching)
RFA
Figure 6.
Figure 7.
Frequency vs
Drive Voltage vs
Temperature
Input Voltage
Figure 8.
Figure 9.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3478 LM3478-Q1


Similar Part No. - LM3478MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3478MM NSC-LM3478MM Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MM NSC-LM3478MM Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MMX NSC-LM3478MMX Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MMX NSC-LM3478MMX Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
More results

Similar Description - LM3478MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com