Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2674LD-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2674LD-ADJ
Description  LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2674LD-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LM2674LD-ADJ Datasheet HTML 1Page - Texas Instruments LM2674LD-ADJ Datasheet HTML 2Page - Texas Instruments LM2674LD-ADJ Datasheet HTML 3Page - Texas Instruments LM2674LD-ADJ Datasheet HTML 4Page - Texas Instruments LM2674LD-ADJ Datasheet HTML 5Page - Texas Instruments LM2674LD-ADJ Datasheet HTML 6Page - Texas Instruments LM2674LD-ADJ Datasheet HTML 7Page - Texas Instruments LM2674LD-ADJ Datasheet HTML 8Page - Texas Instruments LM2674LD-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM2674
www.ti.com
SNVS007F – SEPTEMBER 1998 – REVISED APRIL 2013
LM2674 SIMPLE SWITCHER® Power Converter High Efficiency
500 mA Step-Down Voltage Regulator
Check for Samples: LM2674
1
FEATURES
DESCRIPTION
The LM2674 series of regulators are monolithic
234
Efficiency up to 96%
integrated circuits built with a LMDMOS process.
Available in SOIC-8, 8-Pin PDIP and WSON
These regulators provide all the active functions for a
Packages
step-down (buck) switching regulator, capable of
Computer Design Software LM267X Made
driving a 500 mA load current with excellent line and
load regulation. These devices are available in fixed
Simple (Version 6.0)
output voltages of 3.3V, 5.0V, 12V, and an adjustable
Simple and Easy to Design With
output version.
Requires Only 5 External Components
Requiring
a
minimum
number
of
external
Uses Readily Available Standard Inductors
components, these regulators are simple to use and
3.3V, 5.0V, 12V, and Adjustable Output
include patented internal frequency compensation
Versions
(Patent Nos. 5,382,918 and 5,514,947) and a fixed
frequency oscillator.
Adjustable Version Output Voltage Range:
1.21V to 37V
The LM2674 series operates at a switching frequency
±1.5% Max Output Voltage Tolerance Over
of
260
kHz,
thus
allowing
smaller
sized
filter
components than what would be needed with lower
Line and Load Conditions
frequency switching regulators. Because of its very
Guaranteed 500mA Output Load Current
high efficiency (>90%), the copper traces on the
0.25
Ω DMOS Output Switch
printed circuit board are the only heat sinking needed.
Wide Input Voltage Range: 8V to 40V
A family of standard inductors for use with the
260 kHz Fixed Frequency Internal Oscillator
LM2674
are
available
from
several
different
manufacturers. This feature greatly simplifies the
TTL Shutdown Capability, Low Power Standby
design of switch-mode power supplies using these
Mode
advanced ICs. Also included in the datasheet are
Thermal Shutdown and Current Limit
selector guides for diodes and capacitors designed to
Protection
work in switch-mode power supplies.
TYPICAL APPLICATIONS
Simple High Efficiency (>90%) Step-Down
(Buck) Regulator
Efficient Pre-Regulator for Linear Regulators
Positive-to-Negative Converter
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
3
Windows is a registered trademark of Microsoft Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2674LD-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2674LD-ADJ NSC-LM2674LD-ADJ Datasheet
440Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
More results

Similar Description - LM2674LD-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M TI-LM2674M Datasheet
1Mb / 31P
[Old version datasheet]   LM2674 SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2671 TI1-LM2671 Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM2674 NSC-LM2674 Datasheet
440Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2675M-ADJ TI-LM2675M-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-33 TI1-LM2675MX-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com