Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H27U4G8_6F2D Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # H27U4G8_6F2D
Description  4 Gbit (512M x 8 bit) NAND Flash
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H27U4G8_6F2D Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button H27U4G8_6F2D Datasheet HTML 2Page - Hynix Semiconductor H27U4G8_6F2D Datasheet HTML 3Page - Hynix Semiconductor H27U4G8_6F2D Datasheet HTML 4Page - Hynix Semiconductor H27U4G8_6F2D Datasheet HTML 5Page - Hynix Semiconductor H27U4G8_6F2D Datasheet HTML 6Page - Hynix Semiconductor H27U4G8_6F2D Datasheet HTML 7Page - Hynix Semiconductor H27U4G8_6F2D Datasheet HTML 8Page - Hynix Semiconductor H27U4G8_6F2D Datasheet HTML 9Page - Hynix Semiconductor H27U4G8_6F2D Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev 1.4 / OCT. 2010
6
1
H27(U_S)4G8_6F2D
4 Gbit (512M x 8 bit) NAND Flash
page re-program guarantee imporve performance, since data insertion can be omitted during re-program operations,
and save ram buffer at the host in the case of program failure.
The devices, available in the TSOP48 (12X20mm) package, support the ONFI1.0 specfication and come with four sequ-
rity features:
- OTP (one time programmable) area, which is a restricted access area where sensitive data/code can be stored
permantely.
- Serial number (unique identifier), which allows the devices to be nuniquely indentified.
- Read ID2 extention
- Non-volatile protection to lock sensible data permanently.
These security features are subject to an NDA (non-disclosure agreement) and are, therefore, no described in the
datasheet. For more details about them, contact your nearest Hynix sales office.
1.1.Product List
Table 1: list of supported versions / packages
PART NUMBER
ORGANIZATION
Operating RANGE
PACKAGE
H27U4G8F2D
x8
2.7 to 3.6V
-
H27U4G6F2D
x16
2.7 to 3.6V
-
H27S4G8F2D
x8
1.7 to 1.95V
-
H27S4G6F2D
x16
1.7 to 1.95V
-
VDD
VSS
WP#
CLE
ALE
RE#
WE#
CE#
DQ0~DQ7 (x8)
DQ0~DQ15 (x16)
RB#
Figure 1: Logic Diagram
*ba53f20d-240c*
B34416/177.179.157.84/2010-10-08 10:08


Similar Part No. - H27U4G8_6F2D

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H27U4G8F2D HYNIX-H27U4G8F2D Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
H27U4G8F2E HYNIX-H27U4G8F2E Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
H27U4G8F2F HYNIX-H27U4G8F2F Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results

Similar Description - H27U4G8_6F2D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59D4G81KA ESMT-F59D4G81KA Datasheet
1Mb / 50P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59L4G81XB ESMT-F59L4G81XB Datasheet
2Mb / 87P
   4 Gbit (512M x 8) 3.3V NAND Flash Memory
F59D4G81XB ESMT-F59D4G81XB Datasheet
2Mb / 88P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
logo
Toshiba Semiconductor
TC58NVG2S3ETA00 TOSHIBA-TC58NVG2S3ETA00 Datasheet
499Kb / 70P
   4 GBIT (512M x 8 BIT) CMOS NAND E2PROM
TC58NVG2S0FBAI4 TOSHIBA-TC58NVG2S0FBAI4 Datasheet
679Kb / 71P
   4 GBIT (512M X 8 BIT) CMOS NAND E2 PROM
2012-09-01
TC58NYG2S0FBAI4 TOSHIBA-TC58NYG2S0FBAI4 Datasheet
1Mb / 71P
   4 GBIT (512M X 8 BIT) CMOS NAND E2 PROM
2012-09-01
TC58BVG2S0HBAI6 TOSHIBA-TC58BVG2S0HBAI6 Datasheet
2Mb / 53P
   4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2018-06-01C
TC58NVG2S0FTAI0 TOSHIBA-TC58NVG2S0FTAI0 Datasheet
527Kb / 71P
   4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2012-09-01
TC58NYG2S3ETA00 TOSHIBA-TC58NYG2S3ETA00 Datasheet
504Kb / 70P
   4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2010-07-13C
logo
Samsung semiconductor
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com