Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4DL-2CFA-B Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D4DL-2CFA-B
Description  Guard Lock Safety-door Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4DL-2CFA-B Datasheet(HTML) 5 Page - Omron Electronics LLC

  D4DL-2CFA-B Datasheet HTML 1Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 2Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 3Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 4Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 5Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 6Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 7Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 8Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
G-157
D4NL
Connections
Indicator
Internal Circuit Diagram
Circuit Connection Example
• Terminals 12 and 41 are connected internally and so connect termi-
nals 11 and 42 for safety-circuit input. (GS-ET-19)
• Connect terminals 21 and 22 and terminals 51 and 52 in series
when using as safety-circuit input (redundancy circuit for terminals
11 and 12 and terminals 41 and 42 above). Connect the terminals
individually when using as auxiliary-circuit input (e.g., terminals 21
and 22 for safety-door open/closed monitoring and terminals 51
and 52 for monitoring the lock status).
• In the connection example on the right, terminals 21 and 22 and
terminals 51 and 52 are used as auxiliary-circuit input.
• Direct opening contacts used as safety-circuit input are indicated
with the
mark. Terminals 11 and 12 and terminals 21 and 22
are direct opening contacts.
• Connect the indicators in parallel to the auxiliary circuits or termi-
nals E1 and E2.
If an indicator is connected in parallel to a direct opening contact,
when the indicator breaks, a short-circuit current will be generated,
possibly resulting in an installation malfunction.
• Do not switch standard loads for more than 2 circuits at the same
time. Otherwise, the level of insulation may decrease.
• The 24-VDC solenoid has polarity. Be sure to connect terminals
with the correct polarity.
D
R
R
LED
Z
10 to 115 VAC/VDC
Constant-current diode
42
11
21
33
E1 (+)
O1
O2
12
41
51
52
22
34
E2 (
−)
Indicator
(Orange)
Safety
circuit
Auxiliary
circuit
Auxiliary
circuit
Auxiliary
circuit
F502-EN2-04.book Seite 157 Dienstag, 26. Juli 2005 5:48 17


Similar Part No. - D4DL-2CFA-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DL-2CFA-B ETC-D4DL-2CFA-B Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
More results

Similar Description - D4DL-2CFA-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
0690186052 MOLEX11-0690186052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com