Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4NL-2CFG-B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D4NL-2CFG-B
Description  Guard Lock Safety-door Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NL-2CFG-B Datasheet(HTML) 4 Page - Omron Electronics LLC

  D4NL-2CFG-B Datasheet HTML 1Page - Omron Electronics LLC D4NL-2CFG-B Datasheet HTML 2Page - Omron Electronics LLC D4NL-2CFG-B Datasheet HTML 3Page - Omron Electronics LLC D4NL-2CFG-B Datasheet HTML 4Page - Omron Electronics LLC D4NL-2CFG-B Datasheet HTML 5Page - Omron Electronics LLC D4NL-2CFG-B Datasheet HTML 6Page - Omron Electronics LLC D4NL-2CFG-B Datasheet HTML 7Page - Omron Electronics LLC D4NL-2CFG-B Datasheet HTML 8Page - Omron Electronics LLC D4NL-2CFG-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
G-156
Safety Sensors / Components
Characteristics
Note: 1. The above values are initial values.
2. The degree of protection is tested using the method specified by the standard (EN60947-5-1). Confirm that sealing properties are suffi-
cient for the operating conditions and environment beforehand. Although the switch box is protected from dust or water penetration, do
not use the D4NL in places where foreign material may penetrate through the key hole on the head, otherwise Switch damage or mal-
functioning may occur.
3. The durability is for an ambient temperature of 5
° C to 35° C and an ambient humidity of 40% to 70%. For more details, consult your OM-
RON representative.
4. If the ambient temperature is greater than 35
° C, do not pass the 3-A, 250-VAC load through more than 2 circuits.
5. These figures are minimum requirements for safe operation.
6. This figure is based on the GS-ET-19 evaluation method.
7. This value will vary with the switching frequency, environment, and reliability level. Confirm that correct operation is possible with the actual
load beforehand.
Degree of protection (see note 2)
IP67 (EN60947-5-1)
(This applies for the Switch only. The degree of protection for the key hole is IP00.)
Durability
(see note 3)
Mechanical
1,000,000 operations min.
Electrical
500,000 operations min. for a resistive load of 3 A at 250 VAC (see note 4)
Operating speed
0.05 to 0.5 m/s
Operating frequency
30 operations/minute max.
Rated frequency
50/60 Hz
Contact gap
2 x 2 mm min
Direct opening force (see note 5)
60 N min. (EN60947-5-1)
Direct opening travel (see note 5)
10 mm min. (EN60947-5-1)
Holding force (see note 6)
1,300 N min.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Minimum applicable load (see note 7)
Resistive load of 1 mA at 5 VDC (N-level reference value)
Rated insulation voltage (U
i)
300 V (EN60947-5-1)
Rated open thermal current (I
th)
10 A (EN60947-5-1)
Impulse withstand voltage (EN60947-5-1)
Between terminals of the same polarity
2.5 kV
Between terminals of different polarities
4 kV
Between other terminals and uncharged metallic parts
6 kV
Conditional short-circuit current
100 A (EN60947-5-1)
Pollution degree (operating environment)
3 (EN60947-5-1)
Protection against electric shock
Class II (double insulation)
Contact resistance
25 m
Ω max. per contact (initial value)
Vibration resis-
tance
Malfunction
10 to 55 Hz, 0.75-mm single amplitude
Shock resistance
Destruction
1,000 m/s2 min.
Malfunction
300 m/s2 min. (100 m/s2 min. for the lock monitor switch)
Ambient temperature
Operating:
−10° C to 55° C with no icing
Ambient humidity
Operating:95% max.
Weight
Approx. 370 g (D4NL-IAFA-B)
F502-EN2-04.book Seite 156 Dienstag, 26. Juli 2005 5:48 17


Similar Part No. - D4NL-2CFG-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL-2CFG-B OMRON-D4NL-2CFG-B Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4NL-2CFG-B4 OMRON-D4NL-2CFG-B4 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
More results

Similar Description - D4NL-2CFG-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
0690186052 MOLEX11-0690186052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com