Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225P68391W Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 225P68391W
Description  Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

225P68391W Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  225P68391W Datasheet HTML 1Page - List of Unclassifed Manufacturers 225P68391W Datasheet HTML 2Page - List of Unclassifed Manufacturers 225P68391W Datasheet HTML 3Page - List of Unclassifed Manufacturers 225P68391W Datasheet HTML 4Page - List of Unclassifed Manufacturers 225P68391W Datasheet HTML 5Page - List of Unclassifed Manufacturers 225P68391W Datasheet HTML 6Page - List of Unclassifed Manufacturers 225P68391W Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Type 225P Standard Sizes/Ratings2
Value,
µF Part Number1 LMAX
TMAX
HMAX
100 VDC / 70 VAC*
Value, µF Part Number
1
L MAX
T MAX
H MAX
200 VDC / 140 VAC*
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.33
.39
.47
.56
.68
.82
1.0
225P10291W
225P12291W
225P15291 W
225P18291 W
225P22291 W
225P27291W
225P33291 W
225P39291W
225P47291W
225P56291W
225P68291W
225P82291 W
225P10391W
225P12391W
225P15391 W
225P18391 W
225P22391W
22SP27391W
225P33391W
225P39391W
225P47391 W
225P56391 W
225P68391 W
225P82391W
225P10491W
225P12491X
225P15491X
225P18491X
225P22491X
225P27491 X
225P33491 X
225P39491X
225P47491X
225P56491Y
225P68491Y
225P82491 Y
225P10591Y
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17,8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.70 (17.8)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6,4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25 (6.4)
.25 (6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.27
(6.9)
.27
(6,9)
.30
(7.6)
.30
(7.6)
.34
(8.6)
.34
(8.6)
.40 (10.2)
.40 (10.2)
.37
(9.4)
.40 (10.2)
.43 (10.9)
.46 (11.7)
.49 (12.4)
.52 (13.2)
.55 (14.0)
.60 (15.2)
.55 (14.0)
.58 (14.7)
.65 (16.5)
.72 (18.3)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.35
(8.9)
.37
(9.4)
.37
(9.4)
.42 (10.7)
.42 (10.7)
.49 (12.4)
.49 (12.4)
.55 (14.0)
.55 (14.0)
.57 (14.5)
.62 (15.7)
.66 (16.8)
.70 (17.8)
.74 (18.8)
.77 (19.6)
.81 (20.6)
.86 (21.8)
.88 (22.4)
.90 (22.9)
.94 (23.9)
.98 (24.9)
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
225P10292X
225P12292X
225P15292X
225P18292X
225P22292X
225P27292X
225P33292X
225P39292X
225P47292X
225P56292X
225P68292X
225P82292X
225P10392X
225P12392X
225P15392X
225P18392X
225P22392X
225P27392X
225P33392X
225P39392X
225P47392X
225P56392X
225P68392X
225P82392X
225P10492X
225P12492X
225P15492X
225P18492X
225P22492X
225P27492Y
225P33492Y
225P39492Y
225P47492Y
225P56492Y
225P68492Y
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
.80 (20.3)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6,4)
.25
(6.4)
.25 (6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.25
(6.4)
.28
(7.1)
.28
(7.1)
.28
(7.1)
.28
(7.1)
.31
(7.9)
.31
(7,9)
.34
(8.6)
.37
(9.4)
.39
(9.9)
.41 (10.4)
.46 (11.7)
.48 (12.2)
.39
(9.9)
.41 (10.4)
.45 (11.4)
.50 (12.7)
.67 (17.0)
.84 (21.3)
.55 (14.0)
.55 (14.0)
.55 (14.0)
.55 (14.0)
.55 (14.0)
.55 (14.0)
.55 (14.0)
.55 (14.0)
.55 (14.0)
.58 (14.7)
.58 (14.7)
.58 (14.7)
.58 (14.7)
.58 (14.7)
.58 (14.7)
.58 (14.7)
.58 (14.7)
.61 (15.5)
.61 (15.5)
.61 (15.5)
.61 (15.5)
.64 (16.3)
.64 (16.3)
.67 (17.0)
.71 (18.0)
.72 (18.3)
.74 (18.8)
.75 (19.1)
.77 (19.6)
.71 (18.0)
.71 (18.0)
.77 (19.6)
.83 (21.1)
.99 (25.1)
1.14 (29.0)
* 60 Hz.., RMS
1
To complete part number for specific tolerance, terminal style and lead length please refer to Ordering/Part Number Information page.
2
Shaded part numbers, when ordered as ±10% tolerance with the D3 terminal style and lead length, are Standard Stock items available
through the CDE Distribution Network. For complete part number please add the D3 suffix to the above part numbers in
accordance with the Ordering Information (i.e. 225P10491WD3). Other part numbers are available on special order.
Dimensions in inches, metric (mm) in parenthesis.
.27
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 225P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 225P68391W

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
225P68391W CDE-225P68391W Datasheet
318Kb / 8P
   Radial-lead. Pressed profile
More results

Similar Description - 225P68391W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225P10591YD3 ETC2-225P10591YD3 Datasheet
212Kb / 8P
   Type 225P, Orange Drop, Polyester Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
logo
RFE international
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
   POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
   POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
CQ92M ETC2-CQ92M Datasheet
52Kb / 3P
   ??Polyester film/foil capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com