Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225P56291W Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 225P56291W
Description  Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

225P56291W Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  225P56291W Datasheet HTML 1Page - List of Unclassifed Manufacturers 225P56291W Datasheet HTML 2Page - List of Unclassifed Manufacturers 225P56291W Datasheet HTML 3Page - List of Unclassifed Manufacturers 225P56291W Datasheet HTML 4Page - List of Unclassifed Manufacturers 225P56291W Datasheet HTML 5Page - List of Unclassifed Manufacturers 225P56291W Datasheet HTML 6Page - List of Unclassifed Manufacturers 225P56291W Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
General Specifications
The Type 225P Orange Drop® is designed and manufactured for operation in a wide range of demanding envi-
ronments and applications. Type 225P capacitors are wound from the most reliable polyester film and alum-
inum foil available and are protected by a rugged conformal coating of orange epoxy. They may be operated
up to +125°C with proper derating.
The combination of proven dependability and extensive availability through CDE distribution make
the 225P an ideal choice for many commercial and industrial electronic applications, from power supplies and
instrumentation to audio amplifiers and test equipment.
Operating Temperature Range:
The standard operating temperature range for
polyester film is -55°C to +85°C. The 225P
may be operated at full voltage within this
temperature range.
The 225P may be operated up to +105°C
provided the DC working voltage is reduced
to 70% of the +85°C rating (full rating), and
up to +125°C with a 50% reduction from the
+85°C rating (full rating).
For more specific details regarding operation
above +85°C please contact our design
engineering department.
The maximum operating temperature for the
225P polyester film capacitors is +125°C.
Dielectric Withstanding Voltage:
Units shall withstand a DC potential of 250%
of rated voltage applied between terminals for
not more than 5 seconds.
AC Voltage Applications:
The A-C component of the 225P's voltage rating
has been specified to assure that corona will not
be encountered when the capacitor is operated
within the noted specifications. We encourage
you to contact us if you have any concerns about
operating voltage, temperature limits, etc.
Lead Bend Test:
After 3 consecutive 180° bends. No damage.
Humidity Testing:
Units subjected to 95% relative humidity for 72
hours with no voltage applied at +75°C. After 4
hours of drying minimum product of insulation
resistance and capacitance shall be 5,000 M -µF.
DC Voltage Life Test:
500 hours at +85°C at 150% of rated voltage. After
test; capacitance shall not have changed by more
than ±5% of initial value, insulation resistance shall
not have decreased by more than 50% of initial value
and dissipation factor shall not have increased to
more than 1.0%. In addition, there should be no
open or short circuits, and no sign of visible damage.
Typical Temperature Characteristics:
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 225P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 225P56291W

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
225P56291W CDE-225P56291W Datasheet
318Kb / 8P
   Radial-lead. Pressed profile
More results

Similar Description - 225P56291W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225P10591YD3 ETC2-225P10591YD3 Datasheet
212Kb / 8P
   Type 225P, Orange Drop, Polyester Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
logo
RFE international
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
   POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
   POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
CQ92M ETC2-CQ92M Datasheet
52Kb / 3P
   ??Polyester film/foil capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com