Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS75176BTN Datasheet(PDF) 2 Page - Texas Instruments

Part # DS75176BTN
Description  DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS75176BTN Datasheet(HTML) 2 Page - Texas Instruments

  DS75176BTN Datasheet HTML 1Page - Texas Instruments DS75176BTN Datasheet HTML 2Page - Texas Instruments DS75176BTN Datasheet HTML 3Page - Texas Instruments DS75176BTN Datasheet HTML 4Page - Texas Instruments DS75176BTN Datasheet HTML 5Page - Texas Instruments DS75176BTN Datasheet HTML 6Page - Texas Instruments DS75176BTN Datasheet HTML 7Page - Texas Instruments DS75176BTN Datasheet HTML 8Page - Texas Instruments DS75176BTN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS75176B, DS75176BT
SNLS381C – JULY 1998 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage, VCC
7V
Control Input Voltages
7V
Driver Input Voltage
7V
Driver Output Voltages
+15V/
−10V
Receiver Input Voltages (DS75176B)
+15V/
−10V
Receiver Output Voltage
5.5V
Continuous Power Dissipation @ 25°C
for SOIC Package
675 mW (3)
for PDIP Package
900 mW (4)
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 4 seconds)
260°C
ESD Rating (HBM)
500V
(1)
“Absolute Maximum Ratings” are those beyond which the safety of the device cannot be verified. They are not meant to imply that the
device should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Derate linearly @ 6.11 mW/°C to 400 mW at 70°C.
(4)
Derate linearly at 5.56 mW/°C to 650 mW at 70°C.
Recommended Operating Conditions
Min
Max
Units
Supply Voltage, VCC
4.75
5.25
V
Voltage at Any Bus Terminal
−7
+12
V
(Separate or Common Mode)
Operating Free Air Temperature TA
DS75176B
0
+70
°C
DS75176BT
−40
+85
°C
Differential Input Voltage, VID (1)
−12
+12
V
(1)
Differential - Input/Output bus voltage is measured at the noninverting terminal A with respect to the inverting terminal B.
Electrical Characteristics
(1) (2)
0°C
≤ TA≤ 70°C, 4.75V < VCC< 5.25V unless otherwise specified
Symbol
Parameter
Conditions
Min Typ
Max
Units
VOD1
Differential Driver Output
IO = 0
5
V
Voltage (Unloaded)
VOD2
Differential Driver Output
See (Figure 2)
R = 50
Ω; (RS-422) (3)
2
V
Voltage (with Load)
R = 27
Ω; (RS-485)
1.5
V
ΔVOD
Change in Magnitude of Driver
Differential Output Voltage For
0.2
V
Complementary Output States
VOC
Driver Common Mode Output Voltage
See (Figure 2)
R = 27
Ω
3.0
V
Δ|VOC|
Change in Magnitude of Driver
Common Mode Output Voltage
0.2
V
For Complementary Output States
(1)
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
(2)
All typicals are given for VCC = 5V and TA = 25°C.
(3)
All worst case parameters for which this note is applied, must be increased by 10% for DS75176BT. The other parameters remain valid
for
−40°C < TA < +85°C.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS75176B DS75176BT


Similar Part No. - DS75176BTN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176BTN NSC-DS75176BTN Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
More results

Similar Description - DS75176BTN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
SN65176BDR UMW-SN65176BDR Datasheet
377Kb / 6P
   SN75176B/SN65176B Multipoint RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com