Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA122U Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA122U
Description  Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA122U Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button INA122U Datasheet HTML 3Page - Burr-Brown (TI) INA122U Datasheet HTML 4Page - Burr-Brown (TI) INA122U Datasheet HTML 5Page - Burr-Brown (TI) INA122U Datasheet HTML 6Page - Burr-Brown (TI) INA122U Datasheet HTML 7Page - Burr-Brown (TI) INA122U Datasheet HTML 8Page - Burr-Brown (TI) INA122U Datasheet HTML 9Page - Burr-Brown (TI) INA122U Datasheet HTML 10Page - Burr-Brown (TI) INA122U Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
®
INA122
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation
of the INA122. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low-impedance
connection to ensure good common-mode rejection. A resis-
tance of 10
Ω in series with the Ref pin will cause a typical
device to degrade to approximately 80dB CMR.
SETTING THE GAIN
Gain of the INA122 is set by connecting a single external
resistor, R
G, as shown:
(1)
Commonly used gains and RG resistor values are shown in
Figure 1.
The 200k
Ω term in equation 1 comes from the internal metal
film resistors which are laser trimmed to accurate absolute
values. The accuracy and temperature coefficient of these
resistors are included in the gain accuracy and drift specifi-
cations of the INA122.
The stability and temperature drift of the external gain
setting resistor, R
G, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from the gain
equation (1).
OFFSET TRIMMING
The INA122 is laser trimmed for low offset voltage and
offset voltage drift. Most applications require no external
offset adjustment. Figure 2 shows an optional circuit for
trimming the output offset voltage. The voltage applied to
the Ref terminal is added to the output signal. An op amp
buffer is used to provide low impedance at the Ref terminal
to preserve good common-mode rejection.
G
k
R
G
=+
5
200
FIGURE 1. Basic Connections.
100k
25k
25k
100k
INA122
5
4
2
3
6
5
8
1
2
1
8
3
7
6
R
G
R
G
V
IN
A
2
A
1
V
IN
+
V
IN
V
IN
+
V+
V–
INA122
0.22µF
0.1µF
V
O
V
O
Ref
Ref
Load
+
Also drawn in simplified form:
V
O = (VIN – VIN) G
+
200k
R
G
G = 5 +
Dual Supply
Single Supply
DESIRED GAIN
RG
NEAREST 1%
(V/V)
(
Ω)R
G VALUE
5NC
NC
10
40k
40.2k
20
13.33k
13.3k
50
4444
4420
100
2105
2100
200
1026
1020
500
404
402
1000
201
200
2000
100.3
100
5000
40
40.2
10000
20
20
NC: No Connection.
INPUT BIAS CURRENT RETURN PATH
The input impedance of the INA122 is extremely high—
approximately 1010
Ω. However, a path must be provided for
the input bias current of both inputs. This input bias current
is approximately –10nA (current flows out of the input
terminals). High input impedance means that this input bias
current changes very little with varying input voltage.
FIGURE 2. Optional Trimming of Output Offset Voltage.
10k
OPA336
±10mV
Adjustment Range
100
100
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
R
G
INA122
Ref
V
O
V
IN
V
IN
+


Similar Part No. - INA122U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122U BURR-BROWN-INA122U Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122UA BURR-BROWN-INA122UA Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA122U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com