Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60R160XMR Datasheet(PDF) 2 Page - Littelfuse

Part # 60R160XMR
Description  Radial Leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R160XMR Datasheet(HTML) 2 Page - Littelfuse

  60R160XMR Datasheet HTML 1Page - Littelfuse 60R160XMR Datasheet HTML 2Page - Littelfuse 60R160XMR Datasheet HTML 3Page - Littelfuse 60R160XMR Datasheet HTML 4Page - Littelfuse 60R160XMR Datasheet HTML 5Page - Littelfuse 60R160XMR Datasheet HTML 6Page - Littelfuse 60R160XMR Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
84
Revised: January 1, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc.
60R Series
Radial Leaded > 60R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/60R.html for current information.
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Ambient OperationTemperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
60R010
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.04
60R020
0.31
0.27
0.24
0.20
0.16
0.14
0.13
0.11
0.08
60R025
0.39
0.34
0.30
0.25
0.20
0.18
0.16
0.14
0.10
60R030
0.47
0.41
0.36
0.30
0.24
0.22
0.19
0.16
0.12
60R040
0.62
0.54
0.48
0.40
0.32
0.29
0.25
0.22
0.16
60R050
0.78
0.68
0.60
0.50
0.41
0.36
0.32
0.27
0.20
60R065
1.01
0.88
0.77
0.65
0.53
0.47
0.41
0.35
0.26
60R075
1.16
1.02
0.89
0.75
0.61
0.54
0.47
0.41
0.30
60R090
1.40
1.22
1.07
0.90
0.73
0.65
0.57
0.49
0.36
60R110
1.71
1.50
1.31
1.10
0.89
0.79
0.69
0.59
0.44
60R135
2.09
1.84
1.61
1.35
1.09
0.97
0.85
0.73
0.54
60R160
2.48
2.18
1.90
1.60
1.30
1.15
1.01
0.86
0.64
60R185
2.87
2.52
2.20
1.85
1.50
1.33
1.17
1.00
0.74
60R250
3.88
3.40
2.98
2.50
2.03
1.80
1.58
1.35
1.00
60R300
4.65
4.08
3.57
3.00
2.43
2.16
1.89
1.62
1.20
60R375
5.81
5.10
4.46
3.75
3.04
2.70
2.36
2.03
1.50
Temperature Rerating
Temperature Rerating Curve
Average Time Current Curves
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
0.01
0.1
1
10
100
1000
10000
100000
60R
0.1
1
10
100
Current in Amperes


Similar Part No. - 60R160XMR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
60R160 LITTELFUSE-60R160 Datasheet
152Kb / 2P
   Radial Leaded PTC
60R160 LITTELFUSE-60R160 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 60R160XMR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com