Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC0832LCN Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC0832LCN
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0832LCN Datasheet(HTML) 5 Page - Texas Instruments

  DAC0832LCN Datasheet HTML 1Page - Texas Instruments DAC0832LCN Datasheet HTML 2Page - Texas Instruments DAC0832LCN Datasheet HTML 3Page - Texas Instruments DAC0832LCN Datasheet HTML 4Page - Texas Instruments DAC0832LCN Datasheet HTML 5Page - Texas Instruments DAC0832LCN Datasheet HTML 6Page - Texas Instruments DAC0832LCN Datasheet HTML 7Page - Texas Instruments DAC0832LCN Datasheet HTML 8Page - Texas Instruments DAC0832LCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DAC0830, DAC0832
www.ti.com
SNAS534B – MAY 1999 – REVISED MARCH 2013
Electrical Characteristics
VREF=10.000 VDC unless otherwise noted. Boldface limits apply over temperature, TMIN≤TA≤TMAX.
(1) For all other limits
TA=25°C.
VCC=12 VDC±5%
VCC=5
VCC=15.75 VDC
VCC=4.75 VDC
to 15 VDC ±5%
VDC±5%
See
Limit
Symbol
Parameter
Conditions
Note
Units
Tested
Tested
Design
Typ(2)
Design Limit(4)
Typ(2)
Limit(3)
Limit(3)
Limit(4)
AC CHARACTERISTICS(5)
ts
Current Setting
VIL=0V, VIH=5V
1.0
1.0
μs
Time
tW
Write and XFER
VIL=0V, VIH=5V
See(
100
250
375
600
5)
Pulse Width Min
See(
320
320
900
900
1)
tDS
Data Setup Time
VIL=0V, VIH=5V
See(
100
250
375
600
1)
Min
320
320
900
900
tDH
Data Hold Time
VIL=0V, VIH=5V
See(
30
50
ns
1)
Min
30
50
tCS
Control Setup
VIL=0V, VIH=5V
See(
110
250
600
900
Time
1)
Min
320
320
1100
1100
tCH
Control Hold Time
VIL=0V, VIH=5V
See(
0
0
0
10
0
1)
Min
0
0
(1)
Boldface tested limits apply to the LJ and LCJ suffix parts only.
(2)
Typicals are at 25°C and represent most likely parametric norm.
(3)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(4)
Ensured, but not 100% production tested. These limits are not used to calculate outgoing quality levels.
(5)
The entire write pulse must occur within the valid data interval for the specified tW, tDS, tDH, and tS to apply.
Switching Waveform
Definition of Package Pinouts
Control Signals
(All control signals level actuated)
CS:
Chip Select (active low). The CS in combination with ILE will enable WR1.
ILE:
Input Latch Enable (active high). The ILE in combination with CS enables WR1.
WR1: Write 1. The active low WR1 is used to load the digital input data bits (DI) into the input latch. The data in
the input latch is latched when WR1 is high. To update the input latch–CS and WR1 must be low while ILE
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC0830 DAC0832


Similar Part No. - DAC0832LCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0832LCN NSC-DAC0832LCN Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
More results

Similar Description - DAC0832LCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
logo
National Semiconductor ...
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
   uP Compatible, Double-Buffered D to A Converters
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com