Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60R065XU Datasheet(PDF) 5 Page - Littelfuse

Part # 60R065XU
Description  Radial Leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R065XU Datasheet(HTML) 5 Page - Littelfuse

  60R065XU Datasheet HTML 1Page - Littelfuse 60R065XU Datasheet HTML 2Page - Littelfuse 60R065XU Datasheet HTML 3Page - Littelfuse 60R065XU Datasheet HTML 4Page - Littelfuse 60R065XU Datasheet HTML 5Page - Littelfuse 60R065XU Datasheet HTML 6Page - Littelfuse 60R065XU Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
87
Revised: January 1, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
60R Series
Radial Leaded > 60R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/60R.html for current information.
Part Ordering Number System
Packaging
PACKAGING STYLE
I
HOLD CURRENT CODE (SEE TABLE BELOW)
QUANTITY CODE: F=200 H=100 M=1000 P=2000 U=500
BLANK: Bulk
R: Tape & Ammo
60 R 250
X M R
TYPE: X (60VDC)
R: RADIAL
SERIES
VOLTAGE RATING (VDC)
Part Number
Ordering
Number
I
hold
(A)
I
hold Code
Packaging Option
Quantity
Quantity & Packaging
Codes
60R010
60R010XU
0.10
010
Bulk
500
U
60R010XPR
Tape and Ammo
2000
PR
60R020
60R020XU
0.20
020
Bulk
500
U
60R020XPR
Tape and Ammo
2000
PR
60R025
60R025XU
0.25
025
Bulk
500
U
60R025XPR
Tape and Ammo
2000
PR
60R030
60R030XU
0.30
030
Bulk
500
U
60R030XPR
Tape and Ammo
2000
PR
60R040
60R040XU
0.40
040
Bulk
500
U
60R040XPR
Tape and Ammo
2000
PR
60R050
60R050XU
0.50
050
Bulk
500
U
60R050XPR
Tape and Ammo
2000
PR
60R065
60R065XU
0.65
065
Bulk
500
U
60R065XPR
Tape and Ammo
2000
PR
60R075
60R075XU
0.75
075
Bulk
500
U
60R075XPR
Tape and Ammo
2000
PR
60R090
60R090XU
0.90
090
Bulk
500
U
60R090XPR
Tape and Ammo
2000
PR
60R110
60R110XU
1.10
110
Bulk
500
U
60R110XMR
Tape and Ammo
1000
MR
60R135
60R135XF
1.35
135
Bulk
200
F
60R135XMR
Tape and Ammo
1000
MR
60R160
60R160XF
1.60
160
Bulk
200
F
60R160XMR
Tape and Ammo
1000
MR
60R185
60R185XF
1.85
185
Bulk
200
F
60R185XMR
Tape and Ammo
1000
MR
60R250
60R250XF
2.50
250
Bulk
200
F
60R250XMR
Tape and Ammo
1000
MR
60R300
60R300XF
3.00
300
Bulk
200
F
60R375
60R375XH
3.75
375
Bulk
100
H


Similar Part No. - 60R065XU

ManufacturerPart #DatasheetDescription
logo
Littelfuse
60R065 LITTELFUSE-60R065 Datasheet
152Kb / 2P
   Radial Leaded PTC
60R065 LITTELFUSE-60R065 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 60R065XU

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com