Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG719BRM Datasheet(PDF) 7 Page - Analog Devices

Part # ADG719BRM
Description  CMOS 1.8 V to 5.5 V, 2.52:1 Mux/SPDT Switch in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719BRM Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG719BRM Datasheet HTML 3Page - Analog Devices ADG719BRM Datasheet HTML 4Page - Analog Devices ADG719BRM Datasheet HTML 5Page - Analog Devices ADG719BRM Datasheet HTML 6Page - Analog Devices ADG719BRM Datasheet HTML 7Page - Analog Devices ADG719BRM Datasheet HTML 8Page - Analog Devices ADG719BRM Datasheet HTML 9Page - Analog Devices ADG719BRM Datasheet HTML 10Page - Analog Devices ADG719BRM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG719
Rev. D | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
DRAIN OR SOURCE VOLTAGE (V)
5.0
0
05.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
4.5
4.0
3.5
3.0
2.5
2.0
VDD = 5.0V
VDD = 3.0V
VDD = 2.7V
VDD = 4.5V
TA = 25°C
1.5
1.0
0.5
6.0
5.5
Figure 4. On Resistance vs. VD (VS), Single Supplies
5.0
0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
5.5
6.0
03.0
0.5
1.0
1.5
2.0
2.5
+85°C
+25°C
–40°C
DRAIN OR SOURCE VOLTAGE (V)
VDD = 3V
Figure 5. On Resistance vs. VD (VS) for Different Temperatures, VDD = 3 V
5.0
0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
5.5
6.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DRAIN OR SOURCE VOLTAGE (V)
VDD = 3V
+85°C
+25°C
–40°C
Figure 6. On Resistance vs. VD (VS) for Different Temperatures, VDD = 5 V
TEMPERATURE (°C)
0.15
0.10
–0.05
0
1020
3040
5060708090
0.05
0
ID, IS (ON)
IS (OFF)
VDD = 5V
VD = 4.5V/1V
VS = 1V/4.5V
Figure 7. Leakage Currents vs. Temperature
TEMPERATURE (°C)
0.15
0.10
–0.05
0
1020
3040
5060708090
0.05
0
ID, IS (ON)
IS (OFF)
VDD = 3V
VD = 3V/1V
VS = 1V/3V
Figure 8. Leakage Currents vs. Temperature
FREQUENCY (Hz)
1n
10
100
1k
10k
100k
1M
10M
100M
10n
100n
10µ
100µ
1m
10m
1
VDD = 5V
Figure 9. Supply Current vs. Input Switching Frequency


Similar Part No. - ADG719BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719BRM AD-ADG719BRM Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
More results

Similar Description - ADG719BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com