Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

315LMT Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 315LMT
Description  Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

315LMT Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  315LMT Datasheet HTML 1Page - Cooper Bussmann, Inc. 315LMT Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7-18-01
SB01191
Form No.
Page 2 of 2
BIF Doc #720004
Bussmann®
British Style BS 88
240V
6-900A
®
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
Dimensions
84
59
31
83
38
25.4
13.5
10.3
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
50
150
200
250
1)
2)
E
g
K
750
500
250
100
200
300
1)
2)
E
g
U
L
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
84
59
31
41
38.1
25.4
10.3
13.5
Fig. 3: LMT
Fig. 4: LMMT
Indicator (Optional)
Dimensions in mm.
1mm = 0.0394∑
1∑ = 25.4mm
1) LCT
2) LET, LMT, LMMT
1) LCT
2) LET, LMT, LMMT
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.


Similar Part No. - 315LMT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
315LMT COOPER-315LMT Datasheet
40Kb / 2P
   160-450A, 240 Volts
More results

Similar Description - 315LMT

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5744A NJSEMI-1N5744A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5754A NJSEMI-1N5754A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com