Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1150RST Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1150RST
Description  Low Power Sub-1 GHz RF Transmitter
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150RST Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1150RST Datasheet HTML 2Page - Texas Instruments CC1150RST Datasheet HTML 3Page - Texas Instruments CC1150RST Datasheet HTML 4Page - Texas Instruments CC1150RST Datasheet HTML 5Page - Texas Instruments CC1150RST Datasheet HTML 6Page - Texas Instruments CC1150RST Datasheet HTML 7Page - Texas Instruments CC1150RST Datasheet HTML 8Page - Texas Instruments CC1150RST Datasheet HTML 9Page - Texas Instruments CC1150RST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
CC1150
SWRS037A
Page 6 of 60
4
Electrical Specifications
4.1
Current Consumption
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the CC1150EM reference
design ([1] and [2]).
Parameter
Min
Typ
Max
Unit
Condition
200
nA
Voltage regulator to digital part off, register values lost (SLEEP
state)
222
µA
Voltage regulator to digital part on, all other modules in power
down (XOFF state)
1.1
mA
Only voltage regulator to digital part and crystal oscillator running
(IDLE state)
Current consumption
7.7
mA
Only the frequency synthesizer running (FSTXON state). This
current consumptions also representative for the other
intermediate states when going from IDLE until reaching TX, and
frequency calibration states
Current consumption,
315 MHz
25.6
14.1
mA
Transmit mode, +10 dBm output power (0xC4)
Transmit mode, 0 dBm output power (0x60)
See more in section 21 and DN012 [3]
Current consumption,
433 MHz
26.1
14.6
mA
Transmit mode, +10 dBm output power (0xC2)
Transmit mode, 0 dBm output power (0x60)
See more in section 21 and DN012 [3]
Current consumption,
868 MHz
29.3
15.5
mA
Transmit mode, +10 dBm output power (0xC3)
Transmit mode, 0 dBm output power (0x60)
See more in section 21 and DN012 [3]
Current consumption,
915 MHz
29.3
15.2
mA
Transmit mode, +10 dBm output power (0xC0)
Transmit mode, 0 dBm output power (0x50)
See more in section 21 and DN012 [3]
Table 4: Electrical Specifications


Similar Part No. - CC1150RST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1150RST TI1-CC1150RST Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150RST TI1-CC1150RST Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150RSTR TI1-CC1150RSTR Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150RSTR TI1-CC1150RSTR Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results

Similar Description - CC1150RST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI1-CC1150_17 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
logo
Microchip Technology
MICRF114 MICROCHIP-MICRF114 Datasheet
1Mb / 34P
   Low-Power Integrated Sub-GHz Wireless RF Transmitter
07/14/15
logo
Texas Instruments
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com