Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1296 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1296
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1296 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1296 Datasheet HTML 2Page - Texas Instruments ADS1296 Datasheet HTML 3Page - Texas Instruments ADS1296 Datasheet HTML 4Page - Texas Instruments ADS1296 Datasheet HTML 5Page - Texas Instruments ADS1296 Datasheet HTML 6Page - Texas Instruments ADS1296 Datasheet HTML 7Page - Texas Instruments ADS1296 Datasheet HTML 8Page - Texas Instruments ADS1296 Datasheet HTML 9Page - Texas Instruments ADS1296 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
ADS1194, ADS1196
ADS1198
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications apply from 0
°C to +70°C. Typical specifications are at +25°C.
All specifications at DVDD = 1.8V, AVDD
– AVSS = 3V, VREF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, and
gain = 6, unless otherwise noted.
ADS1194, ADS1196, ADS1198
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER DISSIPATION (Analog Supply = 3V, RLD, WCT, and Pace Amplifiers Turned Off)
Quiescent power dissipation
ADS1194
Normal mode
3
3.3
mW
ADS1196
Normal mode
3.6
4
mW
ADS1198
Normal mode
4.3
4.8
mW
Power-down
10
μW
Standby mode
2
mW
Quiescent channel power
PGA + ADC
350
µW
POWER DISSIPATION (Analog Supply = 5V, RLD, WCT, and Pace Amplifiers Turned Off)
Quiescent power dissipation
ADS1194
Normal mode
5.7
mW
ADS1196
Normal mode
6.9
mW
ADS1198
Normal mode
8.2
mW
Power-down
20
μW
Standby mode, internal reference
4
mW
Quiescent channel power
PGA + ADC
620
µW
TEMPERATURE
Specified temperature range
0
+70
°C
Operating temperature range
0
+70
°C
Storage temperature range
–60
+150
°C
THERMAL INFORMATION
ADS1194/6/8
ADS1194/6/8
THERMAL METRIC(1)
PAG
ZXG
UNITS
64 PINS
64 PINS
θJA
Junction-to-ambient thermal resistance
29
29
θJCtop
Junction-to-case (top) thermal resistance
10.4
10.4
θJB
Junction-to-board thermal resistance
14.8
14.8
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.2
ψJB
Junction-to-board characterization parameter
8.2
8.2
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1194 ADS1196 ADS1198


Similar Part No. - ADS1296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1296 TI-ADS1296 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI-ADS1296 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI-ADS1296 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com