Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1294R Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294R
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294R Datasheet(HTML) 2 Page - Texas Instruments

  ADS1294R Datasheet HTML 1Page - Texas Instruments ADS1294R Datasheet HTML 2Page - Texas Instruments ADS1294R Datasheet HTML 3Page - Texas Instruments ADS1294R Datasheet HTML 4Page - Texas Instruments ADS1294R Datasheet HTML 5Page - Texas Instruments ADS1294R Datasheet HTML 6Page - Texas Instruments ADS1294R Datasheet HTML 7Page - Texas Instruments ADS1294R Datasheet HTML 8Page - Texas Instruments ADS1294R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
ADS1194, ADS1196
ADS1198
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FAMILY AND ORDERING INFORMATION(1)
MAXIMUM
OPERATING
PACKAGE
NUMBER OF
ADC
SAMPLE RATE
TEMPERATURE
RESPIRATION
PRODUCT
OPTION
CHANNELS
RESOLUTION
(kSPS)
RANGE
CIRCUITRY
BGA
4
16
8
0
°C to +70°C
No
ADS1194
TQFP
4
16
8
0
°C to +70°C
No
BGA
6
16
8
0
°C to +70°C
No
ADS1196
TQFP
6
16
8
0
°C to +70°C
No
BGA
8
16
8
0
°C to +70°C
No
ADS1198
TQFP
8
16
8
0
°C to +70°C
No
ADS1294
BGA
4
24
32
0
°C to +70°C
External
ADS1294R
BGA
4
24
32
–40°C to +85°C
Yes
ADS1294
TQFP
4
24
32
–40°C to +85°C
External
ADS1296
BGA
6
24
32
0
°C to +70°C
External
ADS1296R
BGA
6
24
32
–40°C to +85°C
Yes
ADS1296
TQFP
6
24
32
–40°C to +85°C
External
ADS1298
BGA
8
24
32
0
°C to +70°C
External
ADS1298R
BGA
8
24
32
–40°C to +85°C
Yes
ADS1298
TQFP
8
24
32
–40°C to +85°C
External
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
ADS1194, ADS1196, ADS1198
UNIT
AVDD to AVSS
–0.3 to +5.5
V
DVDD to DGND
–0.3 to +3.9
V
AVSS to DGND
–3 to +0.2
V
VREF input to AVSS
AVSS
– 0.3 to AVDD + 0.3
V
Analog input to AVSS
AVSS
– 0.3 to AVDD + 0.3
V
Digital input voltage to DGND
–0.3 to DVDD + 0.3
V
Digital output voltage to DGND
–0.3 to DVDD + 0.3
V
Input current (momentary)
100
mA
Input current (continuous)
10
mA
Operating
temperature
ADS1194, ADS1196, ADS1198
0 to +70
°C
range
Human body model (HBM)
±2000
V
JEDEC standard 22, test method A114-C.01, all pins
ESD ratings
Charged device model (CDM)
±500
V
JEDEC standard 22, test method C101, all pins
Storage temperature range
–60 to +150
°C
Maximum junction temperature (TJ)
+150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1194 ADS1196 ADS1198


Similar Part No. - ADS1294R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294R TI1-ADS1294R Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI-ADS1294R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI-ADS1294R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI-ADS1294R Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI1-ADS1294R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1294R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com