Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1248 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1248
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1248 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1248 Datasheet HTML 4Page - Texas Instruments ADS1248 Datasheet HTML 5Page - Texas Instruments ADS1248 Datasheet HTML 6Page - Texas Instruments ADS1248 Datasheet HTML 7Page - Texas Instruments ADS1248 Datasheet HTML 8Page - Texas Instruments ADS1248 Datasheet HTML 9Page - Texas Instruments ADS1248 Datasheet HTML 10Page - Texas Instruments ADS1248 Datasheet HTML 11Page - Texas Instruments ADS1248 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
DVDD
DGND
CLK
RESET
REFP0/GPIO0
REFN0/GPIO1
VREFOUT
VREFCOM
AIN0/IEXC
AIN1/IEXC
SCLK
DIN
DOUT/DRDY
DRDY
CS
START
AVDD
AVSS
AIN3/IEXC/GPIO3
AIN2/IEXC/GPIO2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ADS1247
ADS1246
ADS1247
ADS1248
SBAS426G
– AUGUST 2008 – REVISED OCTOBER 2011
www.ti.com
PW PACKAGE
TSSOP-20
(TOP VIEW)
ADS1247 (TSSOP-20) PIN DESCRIPTIONS
NAME
PIN NO.
FUNCTION
DESCRIPTION
DVDD
1
Digital
Digital power supply
DGND
2
Digital
Digital ground
CLK
3
Digital input
External clock input. Tie this pin to DGND to activate the internal oscillator.
RESET
4
Digital input
Chip reset (active low). Returns all register values to reset values.
Analog input
REFP0/GPIO0
5
Positive external reference input, or general-purpose digital input/output pin 0
Digital in/out
Analog input
REFN0/GPIO1
6
Negative external reference input, or general-purpose digital input/output pin 1
Digital in/out
VREFOUT
7
Analog output
Positive internal reference voltage output
Negative internal reference voltage output. Connect this pin to AVSS when using a unipolar
VREFCOM
8
Analog output
supply, or to the midvoltage of the power supply when using a bipolar supply.
AIN0/IEXC
9
Analog input
Analog input 0, optional excitation current output
AIN1/IEXC
10
Analog input
Analog input 1, optional excitation current output
Analog input
AIN2/IEXC/GPIO2
11
Analog input 2, optional excitation current output, or general-purpose digital input/output pin 2
Digital in/out
Analog input
Analog input 3, with or without excitation current output, or general-purpose digital input/output
AIN3/IEXC/GPIO3
12
Digital in/out
pin 3
AVSS
13
Analog
Negative analog power supply
AVDD
14
Analog
Positive analog power supply
START
15
Digital input
Conversion start. See text for description of use.
CS
16
Digital input
Chip select (active low)
DRDY
17
Digital output
Data ready (active low)
Serial data out output, or
DOUT/DRDY
18
Digital output
Data out combined with Data Ready (active low when DRDY function enabled)
DIN
19
Digital input
Serial data input
SCLK
20
Digital input
Serial clock input
8
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1246 ADS1247 ADS1248


Similar Part No. - ADS1248

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1248 TI-ADS1248 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248 TI-ADS1248 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248 TI-ADS1248 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248 TI-ADS1248 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248 TI-ADS1248 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Similar Description - ADS1248

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com