Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJC2098 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJC2098
Description  NPN Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJC2098 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJC2098 Datasheet HTML 1Page - Fairchild Semiconductor FJC2098 Datasheet HTML 2Page - Fairchild Semiconductor FJC2098 Datasheet HTML 3Page - Fairchild Semiconductor FJC2098 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A2, February 2003
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter Saturation Voltage
Figure 5. Base-Emitter On Voltage
Figure 6. Common-Base Open-Circuit Output
Capacitance
02468
10
0
2
4
6
8
10
12
14
I
B=200mA
I
B=20mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
100
10
100
1000
Ta=-40
o
C
Ta=25
o
C
Ta=125
o
C
V
CE
=2V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
1E-3
0.01
0.1
1
10
I
C=40IB
Ta=125
o
C
Ta=25
o
C
Ta=-40
o
C
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.1
1
10
Ta=-40
o
C
Ta=25
o
C
Ta=125
o
C
I
C=40IB
I
C[A], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40
o
C
25
o
C
Ta=125
o
C
V
CE
=2V
V
BE[V], BASE-EMITTER VOLTAGE
110
100
0
20
40
60
80
100
I
E
=0,f=1MHZ
V
CB[V], COLLECTOR-BASE VOLTAGE


Similar Part No. - FJC2098

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJC2098 FAIRCHILD-FJC2098 Datasheet
473Kb / 5P
   NPN Epitaxial Silicon Transistor
FJC2098 FAIRCHILD-FJC2098_05 Datasheet
473Kb / 5P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - FJC2098

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com