Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS41B49IRGZ25 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS41B49IRGZ25
Description  14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS41B49IRGZ25 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS41B49IRGZ25 Datasheet HTML 5Page - Texas Instruments ADS41B49IRGZ25 Datasheet HTML 6Page - Texas Instruments ADS41B49IRGZ25 Datasheet HTML 7Page - Texas Instruments ADS41B49IRGZ25 Datasheet HTML 8Page - Texas Instruments ADS41B49IRGZ25 Datasheet HTML 9Page - Texas Instruments ADS41B49IRGZ25 Datasheet HTML 10Page - Texas Instruments ADS41B49IRGZ25 Datasheet HTML 11Page - Texas Instruments ADS41B49IRGZ25 Datasheet HTML 12Page - Texas Instruments ADS41B49IRGZ25 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
ADS41B29
ADS41B49
www.ti.com
SBAS486E – NOVEMBER 2009 – REVISED JULY 2012
ADS41B49, ADS41B29 Pin Descriptions (LVDS Mode) (continued)
# OF
PIN NAME
PIN NUMBER
PINS
FUNCTION
DESCRIPTION
This pin functions as a serial interface enable input when RESET is low. When
SEN
27
1
I
RESET is high, SEN has no function and should be tied to AVDD. This pin has an
internal 180k
Ω pull-up resistor to AVDD.
Output buffer enable input, active high; this pin has an internal 100k
Ω pull-up
OE
7
1
I
resistor to DRVDD.
Data format select input. This pin sets the DATA FORMAT (twos complement or
DFS
6
1
I
offset binary) and the LVDS/CMOS output interface type.
RESERVED
23
1
I
Digital control pin, reserved for future use
CLKOUTP
5
1
O
Differential output clock, true
CLKOUTM
4
1
O
Differential output clock, complement
D0_D1_P
Refer to Figure 1
1
O
Differential output data D0 and D1 multiplexed, true
D0_D1_M
Refer to Figure 1
1
O
Differential output data D0 and D1 multiplexed, complement
D2_D3_P
Refer to Figure 1
1
O
Differential output data D2 and D3 multiplexed, true
D2_D3_M
Refer to Figure 1
1
O
Differential output data D2 and D3 multiplexed, complement
D4_D5_P
Refer to Figure 1
1
O
Differential output data D4 and D5 multiplexed, true
D4_D5_M
Refer to Figure 1
1
O
Differential output data D4 and D5 multiplexed, complement
D6_D7_P
Refer to Figure 1
1
O
Differential output data D6 and D7 multiplexed, true
D6_D7_M
Refer to Figure 1
1
O
Differential output data D6 and D7 multiplexed, complement
D8_D9_P
Refer to Figure 1
1
O
Differential output data D8 and D9 multiplexed, true
D8_D9_M
Refer to Figure 1
1
O
Differential output data D8 and D9 multiplexed, complement
D10_D11_P
Refer to Figure 1
1
O
Differential output data D10 and D11 multiplexed, true
D10_D11_M
Refer to Figure 1
1
O
Differential output data D10 and D11 multiplexed, complement
D12_D13_P
Refer to Figure 1
1
O
Differential output data D12 and D13 multiplexed, true
D12_D13_M
Refer to Figure 1
1
O
Differential output data D12 and D13 multiplexed, complement
This pin functions as an out-of-range indicator after reset, when register bit
OVR_SDOUT
3
1
O
READOUT = 0, and functions as a serial register readout pin when
READOUT = 1. This pin is a 1.8V CMOS output pin (running off of DRVDD).
DRVDD
2, 35
2
I
1.8V digital and output buffer supply
DRGND
1, 36, PAD
2
I
Digital and output buffer ground
NC
Refer to Figure 1
Do not connect
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS41B29 ADS41B49


Similar Part No. - ADS41B49IRGZ25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B49IRGZR TI-ADS41B49IRGZR Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49IRGZR TI1-ADS41B49IRGZR Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
ADS41B49IRGZT TI-ADS41B49IRGZT Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49IRGZT TI1-ADS41B49IRGZT Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
More results

Similar Description - ADS41B49IRGZ25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
logo
Texas Instruments
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com