Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4016Q Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK4016Q
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK4016Q Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK4016Q Datasheet HTML 1Page - Toshiba Semiconductor 2SK4016Q Datasheet HTML 2Page - Toshiba Semiconductor 2SK4016Q Datasheet HTML 3Page - Toshiba Semiconductor 2SK4016Q Datasheet HTML 4Page - Toshiba Semiconductor 2SK4016Q Datasheet HTML 5Page - Toshiba Semiconductor 2SK4016Q Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK4016
2010-01-29
4
0
−80
0
40
80
120
160
−40
1
2
3
4
Vth − Tc
PD − Tc
ID = 10 A
6
3
RDS (ON) − Tc
COMMON SOURCE
VDS = 10 V
PULSE TEST
0
2.0
0.4
1.2
0.8
−40
−80
160
0
40
120
80
1.6
80
20
40
0
0
80
40
200
160
60
120
VGS = 0 V
1
10
5
3
IDR − VDS
-0.4
-0
-0.8
-1.2
-1.6
0.1
1
100
10
COMMON SOURCE
Tc
= 25°C
PULSE TEST
COMMON SOURCE
VDS = 10 V
ID = 1 mA
600
0
400
300
200
040
60
20
5
2.5
10
0
7.5
100
80
500
15
12.5
VDD = 100V
400V
200V
VDS
VGS
COMMON SOURCE
ID = 13 A
Tc
= 25°C
PULSE TEST
CASE TEMPERATURE Tc (°C)
DRAIN
−SOURCE VOLTAGE VDS (V)
DRAIN
−SOURCE VOLTAGE VDS (V)
CASE TEMPERATURE Tc (°C)
CASE TEMPERATURE Tc (°C)
TOTAL GATE CHARGE Qg (nC)
C
− VDS
DYNAMIC INPUT/OUTPUT
CHARACTERISTICS
0.1
10
100
1000
10000
1
10
100
COMMON SOURCE
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
Ciss
Coss
Crss


Similar Part No. - 2SK4016Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4016 TOSHIBA-2SK4016 Datasheet
211Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK4016 TOSHIBA-2SK4016 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK4016 ISC-2SK4016 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK4016Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com