Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJC1308 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJC1308
Description  PNP Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJC1308 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJC1308 Datasheet HTML 1Page - Fairchild Semiconductor FJC1308 Datasheet HTML 2Page - Fairchild Semiconductor FJC1308 Datasheet HTML 3Page - Fairchild Semiconductor FJC1308 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A1, August 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter Saturation Voltage
Figure 5. Base-Emitter On Voltage
Figure 6. Power Derating
0
-2
-4-6-8
-10
-12
-14
-16
0
-200
-400
-600
-800
-1000
-1200
-1400
I
B = -7mA
I
B = -6mA
I
B = -4mA
I
B = -3mA
I
B = -2mA
I
B
= -5mA
I
B = -1mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-10m
-100m
-1
-10
10
100
1000
V
CE = - 2V
Ta = 25
o
C
Ta = 125
oC
Ta = - 40
o
C
I
C
[A], COLLECTOR CURRENT
-1m
-10m
-100m
-1
-10
-1m
-10m
-100m
-1
-10
Ta = - 40
oC
Ta = 25
oC
Ta = 125
oC
I
C = 10 IB
I
C [A], COLLECTOR CURRENT
-1m
-10m
-100m
-1
-10
-0.1
-1
-10
I
C = 10 IB
Ta = 125
oC
Ta = 25
oC
Ta = - 40
oC
I
C [A], COLLECTOR CURRENT
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
125
oC
25
oC
- 40
oC
V
CE = - 2V
V
BE [V], BASE-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
T
a [
o
C], AMIBIENT TEMPERATURE


Similar Part No. - FJC1308

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - FJC1308

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com