Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB088B150FH Datasheet(PDF) 4 Page - Rohm

Part # RB088B150FH
Description  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB088B150FH Datasheet(HTML) 4 Page - Rohm

  RB088B150FH Datasheet HTML 1Page - Rohm RB088B150FH Datasheet HTML 2Page - Rohm RB088B150FH Datasheet HTML 3Page - Rohm RB088B150FH Datasheet HTML 4Page - Rohm RB088B150FH Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB088B150
 
0
0.05
0.1
0.15
0.2
0.25
0
50
100
150
Sin(θ = 180)
DC
D = 1/2
0
2
4
6
8
10
0
25
50
75
100
125
150
Sin(θ = 180)
DC
D = 1/2
0
5
10
15
0
25
50
75
100
125
150
Sin(θ = 180)
DC
D = 1/2
0
0.5
1
1.5
2
2.5
3
AVE : 0.47kV
C=100pF
R=1.5kΩ
C=200pF
R=0Ω
AVE : 2.21kV
CASE TEMPARATURE:Tc(°C)
DERATING CURVE(Io-Tc)
AMBIENT TEMPERATURE:Ta(°C)
DERATING CURVE(Io-Ta)
ESD DISPERSION MAP
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
T
Tj=150°C
D=t/T
t
VR
Io
VR=75V
0A
0V
T
Tj=150°C
D=t/T
t
VR
Io
VR=75V
0A
0V
4/4
2012.08 - Rev.A


Similar Part No. - RB088B150FH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB088B150 ROHM-RB088B150 Datasheet
633Kb / 5P
   Schottky Barrier Diode
More results

Similar Description - RB088B150FH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com