Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLF7045T-100M1R3-PF Datasheet(PDF) 3 Page - TDK Electronics

Part # SLF7045T-100M1R3-PF
Description  Inductors for Power Circuits
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF7045T-100M1R3-PF Datasheet(HTML) 3 Page - TDK Electronics

  SLF7045T-100M1R3-PF Datasheet HTML 1Page - TDK Electronics SLF7045T-100M1R3-PF Datasheet HTML 2Page - TDK Electronics SLF7045T-100M1R3-PF Datasheet HTML 3Page - TDK Electronics SLF7045T-100M1R3-PF Datasheet HTML 4Page - TDK Electronics SLF7045T-100M1R3-PF Datasheet HTML 5Page - TDK Electronics SLF7045T-100M1R3-PF Datasheet HTML 6Page - TDK Electronics SLF7045T-100M1R3-PF Datasheet HTML 7Page - TDK Electronics SLF7045T-100M1R3-PF Datasheet HTML 8Page - TDK Electronics SLF7045T-100M1R3-PF Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
(2/48)
INDUC
T
O
RS
001-01 / 20130516 / e531_slf.fm
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound Ferrite
FEATURES
Magnetic shield type wound inductor for power circuits.
Product lineup allows for various usages.
APPLICATION
Thin-screen TV, LCDs, AV equipment, gaming equipment, other electrical devices
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Compatible with lead-free solders
Overview of the SLF Series
SLF
6025
T
-
4R7
M
1R5
-
PF
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
Rated current
Internal code
(mm)
(µH)
(A)
6025
6.0×6.0×2.5
T
Taping
1R0
1.0
M
±20%
R47
0.47
6028
6.0×6.0×2.8
100
10
N
±30%
2R2
2.2
6045
6.0×6.0×4.5
101
100
150
15
7032
7.0×7.0×3.2
7045
7.0×7.0×4.5
7055
7.0×7.0×5.5
10145
10.1×10.1×4.5
10165
10.1×10.1×6.8
12555
12.5×12.5×5.5
12565
12.5×12.5×6.5
12575
12.5×12.5×7.5
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(g)
SLF6025
–40 to +105
–40 to +105
1000
0.3
SLF6028
–40 to +105
–40 to +105
1000
0.3
SLF6045
–40 to +105
–40 to +105
1000
0.4
SLF7032
–40 to +105
–40 to +105
1000
0.4
SLF7045
–40 to +105
–40 to +105
1000
0.6
SLF7055
–40 to +105
–40 to +105
1000
0.8
SLF10145
–40 to +105
–40 to +105
500
1.3
SLF10165
–40 to +105
–40 to +105
500
1.9
SLF12555
–40 to +105
–40 to +105
500
2.6
SLF12565
–40 to +105
–40 to +105
500
3.2
SLF12575
–40 to +105
–40 to +105
500
3.6
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/


Similar Part No. - SLF7045T-100M1R3-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7045T-100M1R3-PF TDK-SLF7045T-100M1R3-PF Datasheet
169Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7045T-100M1R3-PF TDK-SLF7045T-100M1R3-PF_16 Datasheet
169Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - SLF7045T-100M1R3-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-101MR45-2-PF TDK-SLF7032T-101MR45-2-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
VLP8040T-101M TDK-VLP8040T-101M Datasheet
169Kb / 13P
   Inductors for Power Circuits
SPM3012-LR TDK-SPM3012-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
1Mb / 13P
   Inductors for Power Circuits
CLF7045 TDK-CLF7045 Datasheet
132Kb / 5P
   Inductors for Power Circuits
VLCF4028T-471MR14-2 TDK-VLCF4028T-471MR14-2 Datasheet
158Kb / 10P
   Inductors for Power Circuits
CLF7045T-6R8N TDK-CLF7045T-6R8N Datasheet
179Kb / 13P
   Inductors for Power Circuits
SPM5020-LR TDK-SPM5020-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM5020T-4R7M-LR TDK-SPM5020T-4R7M-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM3015-LR TDK-SPM3015-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com