Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM1100BR-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADuM1100BR-RL7
Description  iCoupler Digital Isolator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1100BR-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADuM1100BR-RL7 Datasheet HTML 2Page - Analog Devices ADuM1100BR-RL7 Datasheet HTML 3Page - Analog Devices ADuM1100BR-RL7 Datasheet HTML 4Page - Analog Devices ADuM1100BR-RL7 Datasheet HTML 5Page - Analog Devices ADuM1100BR-RL7 Datasheet HTML 6Page - Analog Devices ADuM1100BR-RL7 Datasheet HTML 7Page - Analog Devices ADuM1100BR-RL7 Datasheet HTML 8Page - Analog Devices ADuM1100BR-RL7 Datasheet HTML 9Page - Analog Devices ADuM1100BR-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADuM1100
Data Sheet
Rev. I | Page 6 of 20
ELECTRICAL SPECIFICATIONS—3.3 V OPERATION
All voltages are relative to their respective ground. 3.0 V ≤ VDD1 ≤ 3.6 V, 3.0 V ≤ VDD2 ≤ 3.6 V. All minimum/maximum specifications apply
over the entire recommended operation range, unless otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.3 V.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current
IDD1 (Q)
0.1
0.3
mA
VI = 0 V or VDD1
Output Supply Current
IDD2 (Q)
0.005
0.04
mA
VI = 0 V or VDD1
Input Supply Current (25 Mbps)
(See Figure 5)
IDD1 (25)
2.0
2.8
mA
12.5 MHz logic signal frequency
Output Supply Current1 (25 Mbps)
(See Figure 6)
IDD2 (25)
0.3
0.7
mA
12.5 MHz logic signal frequency
Input Supply Current (50 Mbps)
(See Figure 5)
IDD1 (50)
4.0
6.0
mA
25 MHz logic signal frequency,
ADuM1100BR/ADuM1100UR only
Output Supply Current1 (50 Mbps)
(See Figure 6)
IDD2 (50)
1.2
1.6
mA
25 MHz logic signal frequency,
ADuM1100BR/ADuM1100UR only
Input Current
II
−10
+0.01
+10
μA
0 V ≤ VIN ≤ VDD1
Logic High Output Voltage
VOH
VDD2 − 0.1
3.3
V
IO = −20 μA, VI = VIH
VDD2 − 0.5
3.0
V
IO = −2.5 mA, VI = VIH
Logic Low Output Voltage
VOL
0.0
0.1
V
IO = 20 μA, VI = VIH
0.04
0.1
V
IO = 400 μA, VI = VIH
0.3
0.4
V
IO = 2.5 mA, VI = VIH
SWITCHING SPECIFICATIONS
For ADuM1100AR
Minimum Pulse Width2
PW
40
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
25
Mbps
CL = 15 pF, CMOS signal levels
For ADuM1100BR/ADuM1100UR
Minimum Pulse Width2
PW
10
20
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
50
100
Mbps
CL = 15 pF, CMOS signal levels
For All Grades
Propagation Delay Time to Logic Low
Output4, 5 (See Figure 8)
tPHL
14.5
28
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Time to Logic
High Output4, 5 (See Figure 8)
tPLH
15.0
28
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion |tPLH − tPHL|5
PWD
0.5
3
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature6
10
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew
(Equal Temperature)5, 7
tPSK1
15
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew
(Equal Temperature, Supplies)5, 7
tPSK2
12
ns
CL = 15 pF, CMOS signal levels
Output Rise/Fall Time
tR, tF
3
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity
at Logic Low/High Output8
|CML|,
|CMH|
25
35
kV/μs
VI = 0 V or VDD1, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.1
Mbps
Input Dynamic Supply Current9
IDDI (D)
0.08
mA/Mbps
Output Dynamic Supply Current9
IDDO (D)
0.04
mA/Mbps


Similar Part No. - ADuM1100BR-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100BR-RL7 AD-ADUM1100BR-RL7 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
More results

Similar Description - ADuM1100BR-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
   Coupler Digital Isolator
Rev. I
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
[Old version datasheet]   DUAL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com