Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7179KCP-REEL1 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7179KCP-REEL1
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7179KCP-REEL1 Datasheet(HTML) 1 Page - Analog Devices

  ADV7179KCP-REEL1 Datasheet HTML 1Page - Analog Devices ADV7179KCP-REEL1 Datasheet HTML 2Page - Analog Devices ADV7179KCP-REEL1 Datasheet HTML 3Page - Analog Devices ADV7179KCP-REEL1 Datasheet HTML 4Page - Analog Devices ADV7179KCP-REEL1 Datasheet HTML 5Page - Analog Devices ADV7179KCP-REEL1 Datasheet HTML 6Page - Analog Devices ADV7179KCP-REEL1 Datasheet HTML 7Page - Analog Devices ADV7179KCP-REEL1 Datasheet HTML 8Page - Analog Devices ADV7179KCP-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Chip Scale PAL/NTSC Video Encoder with
Advanced Power Management
ADV7174/ADV7179
Rev. B
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2009 Analog Devices, Inc. All rights reserved.
FEATURES
ITU-R1 BT601/BT656 YCrCb to PAL/NTSC video encoder
High quality 10-bit video DACs
SSAF™ (super sub-alias filter)
Advanced power management features
CGMS (copy generation management system)
WSS (wide screen signaling)
NTSC M, PAL N2, PAL B/D/G/H/I, PAL-M3 , PAL 60
Single 27 MHz clock required (×2 oversampling)
Macrovision 7.1 (ADV7174 only)
80 dB video SNR
32-bit direct digital synthesizer for color subcarrier
Multistandard video output support:
Composite (CVBS)
Component S-video (Y/C)
Video input data port supports:
CCIR-656 4:2:2 8-bit parallel input format
Programmable simultaneous composite and S-video or RGB
(SCART)/YPbPr video outputs
Programmable luma filters low-pass [PAL/NTSC] notch,
extended SSAF, CIF, and QCIF
Programmable chroma filters (low-pass [0.65 MHz, 1.0 MHz,
1.2 MHz, and 2.0 MHz], CIF, and QCIF)
Programmable VBI (vertical blanking interval)
Programmable subcarrier frequency and phase
Programmable LUMA delay
Individual on/off control of each DAC
CCIR and square pixel operation
Integrated subcarrier locking to external video source
Color signal control/burst signal control
Interlaced/noninterlaced operation
Complete on-chip video timing generator
Programmable multimode master/slave operation
Closed captioning support
Teletext insertion port (PAL-WST)
On-board color bar generation
On-board voltage reference
2-wire serial MPU interface (I2C® compatible and fast I2C)
Single-supply 2.8 V and 3.3 V operation
Small 40-lead 6 mm × 6 mm LFCSP package
−40°C to +85°C at 3.3 V
−20°C to +85°C at 2.8 V
APPLICATIONS
Portable video applications
Mobile phones
Digital still cameras
FUNCTIONAL BLOCK DIAGRAM
9
9
8
10
8
8
8
10
8
8
8
10
10
10
10
10
10
I2C MPU PORT
SCLOCK
SDATA
ALSB
HSYNC
FIELD/VSYNC
BLANK
CLOCK
GND
DACA(PIN29)
VREF
RSET
COMP
8
8
8
ADV7174/ADV7179
COLOR
DATA
P7–P0
SCRESET/RTC
DACB(PIN28)
DACC(PIN24)
VAA
Y
U
V
RESET
TELETEXT
INSERTION
BLOCK
YUV TO
RBG
MATRIX
VOLTAGE
REFERENCE
CIRCUIT
REAL-TIME
CONTROL
CIRCUIT
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
M
U
L
T
I
P
L
E
X
E
R
CGMS AND WSS
INSERTION
BLOCK
ADD
SYNC
ADD
BURST
INTER-
POLATOR
SIN/COS
DDS BLOCK
VIDEO TIMING
GENERATOR
PROGRAMMABLE
LUMINANCE
FILTER
PROGRAMMABLE
CHROMINANCE
FILTER
INTER-
POLATOR
POWER
MANAGEMENT
CONTROL
(SLEEP MODE)
YCrCb
TO
YUV
MATRIX
4:2:2 TO
4:4:4
INTER-
POLATOR
TTXREQ
TTX
10
10
10
U
V
Figure 1.
1 ITU-R and CCIR are used interchangeably in this document (ITU-R has replaced CCIR recommendations).
2 Throughout the document, N is referenced to PAL – Combination – N.
3 ADV7174 only.
The Macrovision anticopy process is licensed for noncommercial home use only, which is its sole intended use in the device. Contact the sales office for the latest
Macrovision version available.


Similar Part No. - ADV7179KCP-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7179KCP-REEL AD-ADV7179KCP-REEL Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
More results

Similar Description - ADV7179KCP-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
ADV7174 AD-ADV7174 Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
logo
Intersil Corporation
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
   ADVANCED PAL/NTSC ENCODER
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com