Electronic Components Datasheet Search |
|
BR25H020FJ-2C Datasheet(PDF) 4 Page - Rohm |
|
BR25H020FJ-2C Datasheet(HTML) 4 Page - Rohm |
4 / 35 page BR25H020-2C 4/32 Datasheet Datasheet www.rohm.com ©2013 ROHM Co., Ltd. All rights reserved. TSZ22111・15・001 TSZ02201-0R1R0G100080-1-2 21.Mar.2013 Rev.001 ●AC characteristics (Ta=-40°C to +125°C, unless otherwise specified, load capacity CL1=100pF) 2.5V≦VCC≦5.5V 4.5V≦VCC≦5.5V Parameter Symbol Min. Typ. Max. Min. Typ. Max. Unit SCK Frequency fSCK - - 5 - - 10 MHz SCK High Time tSCKWH 85 - - 40 - - ns SCK Low Time tSCKWL 85 - - 40 - - ns CSB High Time tCS 85 - - 40 - - ns CSB Setup Time tCSS 90 - - 30 - - ns CSB Hold Time tCSH 85 - - 30 - - ns SCK Setup Time tSCKS 90 - - 30 - - ns SCK Hold Time tSCKH 90 - - 30 - - ns SI Setup Time tDIS 20 - - 10 - - ns SI Hold Time tDIH 30 - - 10 - - ns Data Output Delay Time1 tPD1 - - 60 - - 40 ns Data Output Delay Time2 (CL2=30pF) tPD2 - - 50 - - 30 ns Output Hold Time tOH 0 - - 0 - - ns Output Disable Time tOZ - - 100 - - 40 ns HOLDB Setting Setup Time tHFS 0 - - 0 - - ns HOLDB Setting Hold Time tHFH 40 - - 30 - - ns HOLDB Release Setup Time tHRS 0 - - 0 - - ns HOLDB Release Hold Time tHRH 70 - - 30 - - ns Time from HOLDB to Output High-Z tHOZ - - 100 - - 40 ns Time from HOLDB to Output Change tHPD - - 60 - - 40 ns SCK Rise Time *1 tRC - - 1 - - 1 μs SCK Fall Time *1 tFC - - 1 - - 1 μs OUTPUT Rise Time *1 tRO - - 40 - - 40 ns OUTPUT Fall Time *1 tFO - - 40 - - 40 ns Write Time tE/W - - 4 - - 4 ms *1 NOT 100% TESTED ●AC measurement conditions Limits Parameter Symbol Min. Typ. Max. Unit Load Capacity 1 CL1 - - 100 pF Load Capacity 2 CL2 - - 30 pF Input Rise Time - - - 50 ns Input Fall Time - - - 50 ns Input Voltage - 0.2VCC/0.8VCC V Input / Output Judgment Voltage - 0.3VCC/0.7VCC V 0.7Vcc 0.2Vcc 0.8Vcc Input Voltage 0.3Vcc Input/Output judgement voltage Figure 1. Input/Output judgment voltage |
Similar Part No. - BR25H020FJ-2C |
|
Similar Description - BR25H020FJ-2C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |