Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2483BRWZ-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # ADM2483BRWZ-REEL
Description  Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483BRWZ-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADM2483BRWZ-REEL Datasheet HTML 1Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 2Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 3Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 4Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 5Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 6Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 7Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 8Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM2483
Rev. B | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. All voltages are relative to
their respective ground.
Table 3.
Parameter
Rating
VDD1
−0.5 V to +7 V
VDD2
−0.5 V to +6 V
Digital Input Voltage (DE, RE, TxD)
−0.5 V to VDD1 + 0.5 V
Digital Output Voltage
RxD
−0.5 V to VDD1 + 0.5 V
Driver Output/Receiver Input Voltage
−9 V to +14 V
ESD Rating: Contact (Human Body
Model) (A, B Pins)
±2 kV
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−55°C to +150°C
Average Output Current per Pin
−35 mA to +35 mA
θJA Thermal Impedance
73°C/W
Lead Temperature
Soldering (10 sec)
260°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degrada-
tion or loss of functionality.


Similar Part No. - ADM2483BRWZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
More results

Similar Description - ADM2483BRWZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
   Half-Duplex iCoupler-R Isolated RS-485 Transceiver
Rev. 0
logo
Texas Instruments
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
   Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
logo
Texas Instruments
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com