Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM706AR-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # ADM706AR-REEL
Description  Low Cost Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706AR-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM706AR-REEL Datasheet HTML 4Page - Analog Devices ADM706AR-REEL Datasheet HTML 5Page - Analog Devices ADM706AR-REEL Datasheet HTML 6Page - Analog Devices ADM706AR-REEL Datasheet HTML 7Page - Analog Devices ADM706AR-REEL Datasheet HTML 8Page - Analog Devices ADM706AR-REEL Datasheet HTML 9Page - Analog Devices ADM706AR-REEL Datasheet HTML 10Page - Analog Devices ADM706AR-REEL Datasheet HTML 11Page - Analog Devices ADM706AR-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM705/ADM706/ADM707/ADM708
Rev. G | Page 9 of 12
Adding Hysteresis to the Power-Fail Comparator
For increased noise immunity, hysteresis can be added to
the power-fail comparator. Because the comparator circuit is
noninverting, hysteresis can be added simply by connecting a
resistor between the PFO output and the PFI input, as shown in
.
Figure 16
7V TO 15V
INPUT
POWER
TO
MICROPROCESSOR
NMI
R3
5V
VCC
R1
R2
1.25V
PFI
PFO
ADP3367
5V
0V
0V VL
VIN
VH
+
PFO
ADM705/ADM706/
ADM707/ADM708
Figure 16. Adding Hysteresis to the Power-Fail Comparator
When PFO is low, Resistor R3 sinks current from the summing
junction at the PFI pin. When PFO is high, Resistor R3 sources
current into the PFI summing junction. This results in differing
trip levels for the comparator. Further noise immunity can be
achieved by connecting a capacitor between PFI and GND. The
equations used to calculate the hysteresis are as follows:
+
=
+
=
⎥⎦
⎢⎣
×
+
+
=
R2
R2
R1
V
R3
V
R2
R1
V
R1
R3
R2
R3
R2
V
MID
CC
L
H
25
.
1
25
.
1
25
.
1
25
.
1
1
25
.
1
VALID RESET BELOW 1 V VCC
The ADM705/ADM706/ADM707/ADM708 are guaranteed to
provide a valid reset level with VCC as low as 1 V (see the Typical
Performance Characteristics section). As VCC drops below 1 V,
the internal transistor does not have sufficient drive to hold the
voltage RESET at 0 V. A pull-down resistor can be connected
externally, as shown in
, to hold the line low if
required.
Figure 17
ADM705/ADM706/
ADM707/ADM708
GND
RESET
R1
Figure 17. RESET Valid Below 1 V


Similar Part No. - ADM706AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706AR-REEL AD-ADM706AR-REEL Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM706AR-REEL7 AD-ADM706AR-REEL7 Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
More results

Similar Description - ADM706AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705 AD-ADM705_V01 Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM706 AD-ADM706_15 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708 AD-ADM708_15 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ AD-ADM706ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM707 AD-ADM707_15 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705 AD-ADM705_15 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com