Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC4001 Datasheet(PDF) 1 Page - First Components International

Part # KBPC4001
Description  40 Amps Plastic case Silicon Bridge Rectifiers Mounting Position: Any
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC4001 Datasheet(HTML) 1 Page - First Components International

  KBPC4001 Datasheet HTML 1Page - First Components International KBPC4001 Datasheet HTML 2Page - First Components International KBPC4001 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feature
Mechanical Data
Surge overload 400A
Case: Molded plastic body over passivated junctions
Low forward voltage drop
Polarity: Polarity symbols molded on body
Mounting Position: Any
Terminals: Lead Solderable per MIL-STD-750
Electrically isolated base-2000Volts
Method 2026
Solderable 0.25" Faston Terminals
MountingTorque: 5 in-lbs max
Materials used carries U/L recognition
Weight: 19.5 grams(Faston); 14.5grams(Wire Lead)
Max Ratings at Ta=25C Unless Otherwise Specified
Unit
4000
4001
4002
4004
4006
4008
4010
Vrrm
50
100
200
400
600
800
1000
V
Vrwm
35
70
140
280
420
560
700
V
Vdc
50
100
200
400
600
800
1000
V
IF(AV)
V
IFSM
A
Vf
V
Ir
uA
Tj/Ts
C
Rthja
C/W
Rthjc
C/W
I
2t
C/W
2.3
-40 ~+125
Thermal Resistance Case to Heatsink
Symbol
Characteristic
KBPC4000~4010
40
working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
DC Blocking Voltage
Forward Continuous Current
2.6
Thermal Resistance Junction to Case
Peak Forward Surge Current 10ms Sine pulse,
rated Vrrm applied
Max Forward Voltage IF=20A @25C
Reverse Leakage Current WITH Vr @ 25C/125C
374
Rating for fusing(t<8.3ms)
Dimensions in mm
KBPC-PF
400
1.0
5.0/500
Operating & Storage Temp. Range
40 Amps Plastic case
Silicon Bridge Rectifiers


Similar Part No. - KBPC4001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC4001 WTE-KBPC4001 Datasheet
51Kb / 4P
   40, 50A HIGH CURRENT BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC4001 DAESAN-KBPC4001 Datasheet
204Kb / 2P
   CURRENT 40.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
logo
Won-Top Electronics
KBPC4001 WTE-KBPC4001 Datasheet
54Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC4001G WTE-KBPC4001G Datasheet
53Kb / 4P
   40, 50A GLASS PASSIVATED BRIDGE RECTIFIER
KBPC4001GS WTE-KBPC4001GS Datasheet
47Kb / 3P
   40, 50A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
More results

Similar Description - KBPC4001

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
KBPC3500 FCI-KBPC3500 Datasheet
293Kb / 3P
   35 Amps plastic Case Silicon Bridge Rectifiers
KBPC1500 FCI-KBPC1500 Datasheet
337Kb / 4P
   15Amps Single Phase Silicon Bridge Mounting Position: Any
logo
List of Unclassifed Man...
90-160 ETC2-90-160 Datasheet
284Kb / 2P
   Any position mounting
logo
Edal Industries, Inc.
BR5000 EDAL-BR5000 Datasheet
78Kb / 1P
   Silicon Bridge Rectifiers 50 Amps
BR800 EDAL-BR800 Datasheet
68Kb / 1P
   Silicon Bridge Rectifiers 8 Amps to 10 Amps
logo
DIOTEC Electronics Corp...
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
SDB4000 DEC-SDB4000 Datasheet
305Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
40SDB DEC-40SDB Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
W005M MCC-W005M_11 Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com