Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9850BRS-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD9850BRS-REEL
Description  CMOS, 125 MHz Complete DDS Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9850BRS-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9850BRS-REEL Datasheet HTML 2Page - Analog Devices AD9850BRS-REEL Datasheet HTML 3Page - Analog Devices AD9850BRS-REEL Datasheet HTML 4Page - Analog Devices AD9850BRS-REEL Datasheet HTML 5Page - Analog Devices AD9850BRS-REEL Datasheet HTML 6Page - Analog Devices AD9850BRS-REEL Datasheet HTML 7Page - Analog Devices AD9850BRS-REEL Datasheet HTML 8Page - Analog Devices AD9850BRS-REEL Datasheet HTML 9Page - Analog Devices AD9850BRS-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CH1 S
Spectrum
10dB/REF
–8.6dBm
76.642 dB
Fxd
AD9850
CLOCK 125MHz
RBW # 100Hz
START
0Hz
VBW 100Hz
ATN # 30dB
SWP
762 sec
STOP 62.5MHz
0
TPC 1. SFDR, CLKIN = 125 MHz/fOUT = 1 MHz
CH1 SSpectrum
10dB/REF
–10dBm
54.818 dB
Fxd
AD9850
CLOCK 125MHz
RBW # 300Hz
START
0Hz
VBW 300Hz
ATN # 30dB
SWP 182.6 sec
STOP 62.5MHz
0
TPC 2. SFDR, CLKIN = 125 MHz/fOUT = 41 MHz
Tek Run: 100GS/s ET Sample
Ch 1
500mV
M 20.0ns
Ch 1
1.58V
D 500ps
Runs After
1
: 300ps
@: 25.26ns
TPC 3. Typical Comparator Output Jitter,
AD9850 Configured as Clock Generator with
42 MHz LP Filter (40 MHz AOUT/125 MHz CLKIN)
AD9850–Typical Performance Characteristics
–6–
REV. H
CH1 S
Spectrum
10dB/REF
–10dBm
59.925 dB
Fxd
AD9850
CLOCK 125MHz
RBW # 300Hz
START
0Hz
VBW 300Hz
ATN # 30dB
SWP 182.6 sec
STOP 62.5MHz
0
TPC 4. SFDR, CLKIN = 125 MHz/fOUT = 20 MHz
CH1 S
Spectrum
12dB/REF
0dBm
–85.401 dB
Mkr
AD9850
RBW # 3Hz
CENTER
4.513579MHz
VBW 3Hz
ATN # 20dB
SWP 399.5 sec
SPAN
400kHz
0
–23 kHz
TPC 5. SFDR, CLKIN = 20.5 MHz/fOUT = 4.5 MHz
OFFSET FROM 5MHz CARRIER – Hz
–105
–110
–155
–115
–120
–125
–130
–135
–140
–145
–150
100
100k
1k
10k
PN.3RD
TPC 6. Output Residual Phase Noise (5 MHz
AOUT/125 MHz CLKIN)


Similar Part No. - AD9850BRS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
More results

Similar Description - AD9850BRS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9854 AD-AD9854 Datasheet
433Kb / 44P
   CMOS 300 MHz Quadrature Complete-DDS
REV. 0
AD9830 AD-AD9830 Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
   CMOS Complete DDS
REV. A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
   CMOS Complete DDS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com