Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8184ARZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8184ARZ-REEL7
Description  700 MHz, 5 mA 4-to-1 Video Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8184ARZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8184ARZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8184–Typical Performance Curves
–6–
REV. 0
FREQUENCY – Hz
0
–10
–70
100k
1M
10M
100M
–30
–40
–50
–60
–20
VOUT = 2V p-p
RL = 1kΩ
–80
–90
–100
2ND HARMONIC
3RD HARMONIC
Figure 15. Harmonic Distortion vs. Frequency
FREQUENCY – Hz
100M
10
100
1G
1k
10k
100k
1M
10M
100M
10M
100k
10k
1k
100
1M
ZIN
ZOUT (DISABLED)
ZOUT (ENABLED)
110
100
90
80
70
60
50
40
30
20
10
150
140
130
120
Figure 16. Output & Input Impedance vs. Frequency
FREQUENCY – Hz
0.03M
0.01M
10M
500M
0
–10
–80
–20
–30
–40
–50
–60
–70
+PSRR
–PSRR
1M
100M
Figure 17. Power Supply Rejection vs. Frequency
100pF
33pF
33pF
100pF
10pF
0pF
FREQUENCY – Hz
1M
10M
100M
1G
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
VIN = 50mVrms
RL = 5kΩ
RS = 0Ω
Figure 18. Frequency Response vs. Capacitive Load
0.3
0.2
0.1
VIN = 50mVrms
RL = 5kΩ
RS = 150Ω
10M
100M
FREQUENCY – Hz
1M
–0.2
–0.1
0
0.4
0.5
1G
RS = 0Ω
RS = 75Ω
RS = 0Ω
RS = 75Ω
RS = 150Ω
0.6
0.7
0.8
–4
–5
–6
–9
–8
–7
–3
–2
–1
0
1
Figure 19. Frequency Response vs. Input Series Resistance
INPUT VOLTAGE – Volts
5
–1
–5
–5
5
–4
–3
–2
–1
0
1
2
3
4
4
0
–2
–4
2
1
–3
3
Figure 20. Output Voltage vs. Input Voltage, RL = 2 kΩ


Similar Part No. - AD8184ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8184AR AD-AD8184AR Datasheet
227Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD8184AR-REEL AD-AD8184AR-REEL Datasheet
227Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
More results

Similar Description - AD8184ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8184 AD-AD8184 Datasheet
227Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD8184 AD-AD8184_15 Datasheet
230Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
logo
Tyco Electronics
A611 MACOM-A611 Datasheet
375Kb / 2P
   Cascadable Amplifier 5 to 700 MHz
logo
M/A-COM Technology Solu...
A611 MA-COM-A611_15 Datasheet
641Kb / 3P
   Cascadable Amplifier 5 to 700 MHz
A611 MA-COM-A611 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 700 MHz
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Zetex Semiconductors
ZXFV302EV ZETEX-ZXFV302EV Datasheet
114Kb / 3P
   4:1 CHANNEL VIDEO MULTIPLEXER EVALUATION BOARD
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com