Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8001ARTZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8001ARTZ-REEL7
Description  800 MHz, 50 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8001ARTZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD8001ARTZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. D
AD8001
–5–
9
6
–12
10M
100M
1G
3
0
–3
–6
–9
FREQUENCY – Hz
VS = 5V
RFB = 820
VS = 5V
RFB = 1k
G = +2
RL = 100
TPC 7. Frequency Response, G = +2
0.1
0
–0.9
1M
10M
100M
–0.1
–0.2
–0.3
–0.4
–0.5
FREQUENCY – Hz
–0.6
–0.7
–0.8
RF =
649
RF = 698
RF = 750
G = +2
RL = 100
VIN = 50mV
TPC 8. 0.1 dB Flatness, R Package (for N Package Add
50
Ω to RF)
–50
–80
–110
100k
100M
10M
1M
10k
–90
–100
–70
–60
FREQUENCY – Hz
VOUT = 2V p-p
RL = 1k
G = +2
5V SUPPLIES
THIRD HARMONIC
SECOND HARMONIC
TPC 9. Distortion vs. Frequency, RL = 1 k
VALUE OF FEEDBACK RESISTOR (RF) –
1000
0
1000
600
200
600
400
500
800
900
800
700
R
PACKAGE
N
PACKAGE
VS = 5V
RL = 100
G = +2
TPC 10. –3 dB Bandwidth vs. RF
–50
–70
–100
100k
100M
10M
1M
10k
–80
–90
–60
FREQUENCY – Hz
VOUT = 2V p-p
RL = 100
G = +2
5V SUPPLIES
SECOND HARMONIC
THIRD HARMONIC
TPC 11. Distortion vs. Frequency, RL = 100
0.08
0.01
–0.01
0
0.00
0.00
0.02
0.02
0.04
0.06
100
IRE
–0.02
G = +2
RF = 806
1 BACK TERMINATED
LOAD (150 )
2 BACK TERMINATED
LOADS (75 )
1 AND 2 BACK TERMINATED
LOADS (150
AND 75 )
TPC 12. Differential Gain and Differential Phase


Similar Part No. - AD8001ARTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001ART-REEL AD-AD8001ART-REEL Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ART-REEL AD-AD8001ART-REEL Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ART-REEL AD-AD8001ART-REEL Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ART-REEL AD-AD8001ART-REEL Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8001ART-REEL7 AD-AD8001ART-REEL7 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
More results

Similar Description - AD8001ARTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com