Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1102MTC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FIN1102MTC
Description  LVDS 2 Port High Speed Repeater
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1102MTC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1102MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1102MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1102MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1102MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1102MTC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
Supply Voltage (VCC)
−0.5V to +4.6V
LVDS DC Input Voltage (VIN)
−0.5V to +4.6V
LVDS DC Output Voltage (VOUT)
−0.5V to +4.6V
Driver Short Circuit Current (IOSD)
Continuous 10 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
7000V
ESD (Machine Model)
300V
Supply Voltage (VCC)
3.0V to 3.6V
Magnitude of Differential
Voltage (|VID|)
100 mV to VCC
Common Mode Voltage
Range (VIC)(0V + |VID|/2) to (VCC − |VID|/2)
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VTH
Differential Input Threshold HIGH See Figure 1; VIC = +0.05V, +1.2V, or VCC − 0.05V
100
mV
VTL
Differential Input Threshold LOW
See Figure 1; VIC = +0.05V, +1.2V, or VCC − 0.05V
−100
mV
VIH
Input HIGH Voltage (EN)
2.0
VCC
V
VIL
Input LOW Voltage (EN)
GND
0.8
V
VOD
Output Differential Voltage
250
330
450
mV
∆V
OD
VOD Magnitude Change from
25
mV
Differential LOW-to-HIGH
RL = 100 Ω, Driver Enabled,
VOS
Offset Voltage
See Figure 2
1.125
1.23
1.375
V
∆V
OS
Offset Magnitude Change from
25
mV
Differential LOW-to-HIGH
IOS
Short Circuit Output Current
DOUT+ = 0V and DOUT− = 0V,
−3.4
−6mA
Driver Enabled
VOD = 0V, Driver Enabled
±3.4
±6mA
IIN
Input Current (EN, DINx+, DINx−)VIN = 0V to VCC, Other Input = VCC or 0V
±20
µA
(for Differential Inputs)
IOFF
Power Off Input or Output Current VCC = 0V, VIN or VOUT = 0V to 3.6V
±20
µA
ICCZ
Disabled Power Supply Current
Drivers Disabled
4
7
mA
ICC
Power Supply Current
Drivers Enabled, Any Valid Input Condition
16.7
23
mA
IOZ
Disabled Output Leakage Current Driver Disabled, DOUT+ = 0V to 3.6V or
±20
µA
DOUT− = 0V to 3.6V
VIC
Common Mode Voltage Range
|VID| = 100 mV to VCC
0V
+ |V
ID|/2
VCC − (|VID|/2)
V
CIN
Input Capacitance
Enable Input
2.5
pF
LVDS Input
2.1
COUT
Output Capacitance
2.8
pF
VBB
Output Reference Voltage
VCC = 3.3V, IBB = 0 to −275 µA
1.125
1.2
1.375
V


Similar Part No. - FIN1102MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Fairchild Semiconductor
FIN1101K8X FAIRCHILD-FIN1101K8X Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
logo
ON Semiconductor
FIN1101K8X ONSEMI-FIN1101K8X Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Fairchild Semiconductor
FIN1101M FAIRCHILD-FIN1101M Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
More results

Similar Description - FIN1102MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Fairchild Semiconductor
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
   LVDS 8 Port High Speed Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
[Old version datasheet]   16-PORT LVDS REPEATER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com