Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-88565022A Datasheet(PDF) 2 Page - Analog Devices

Part # 5962-88565022A
Description  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-88565022A Datasheet(HTML) 2 Page - Analog Devices

  5962-88565022A Datasheet HTML 1Page - Analog Devices 5962-88565022A Datasheet HTML 2Page - Analog Devices 5962-88565022A Datasheet HTML 3Page - Analog Devices 5962-88565022A Datasheet HTML 4Page - Analog Devices 5962-88565022A Datasheet HTML 5Page - Analog Devices 5962-88565022A Datasheet HTML 6Page - Analog Devices 5962-88565022A Datasheet HTML 7Page - Analog Devices 5962-88565022A Datasheet HTML 8Page - Analog Devices 5962-88565022A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-88565
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
F
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing documents two product assurance class levels consisting of high reliability (device classes Q and
M) and space application (device class V). A choice of case outlines and lead finishes are available and are reflected in the
Part or Identifying Number (PIN). When available, a choice of Radiation Hardness Assurance (RHA) levels are reflected in the
PIN.
1.2 PIN. The PIN is as shown in the following examples.
For device classes M and Q:
5962
-
88565
01
C
X
Federal
stock class
designator
RHA
designator
(see 1.2.1)
Device
type
(see 1.2.2)
Case
outline
(see 1.2.4)
Lead
finish
(see 1.2.5)
\
/
\/
Drawing number
For device class V:
5962
R
88565
01
V
C
X
Federal
stock class
designator
RHA
designator
(see 1.2.1)
Device
type
(see 1.2.2)
Device
class
designator
Case
outline
(see 1.2.4)
Lead
finish
(see 1.2.5)
\
/
(see 1.2.3)
\/
Drawing number
1.2.1 RHA designator. Device classes Q and V RHA marked devices meet the MIL-PRF-38535 specified RHA levels and
are marked with the appropriate RHA designator. Device class M RHA marked devices meet the MIL-PRF-38535, appendix A
specified RHA levels and are marked with the appropriate RHA designator. A dash (-) indicates a non-RHA device.
1.2.2 Device type(s). The device type(s) identify the circuit function as follows:
Device type
Generic number
Circuit function
01
OP-470A
Very low noise, quad, operational amplifier
02
OP-471A
High speed, low noise, quad, operational
amplifier
1.2.3 Device class designator. The device class designator is a single letter identifying the product assurance level as listed
below. Since the device class designator has been added after the original issuance of this drawing, device classes M and Q
designators will not be included in the PIN and will not be marked on the device.
Device class
Device requirements documentation
M
Vendor self-certification to the requirements for MIL-STD-883 compliant, non-
JAN class level B microcircuits in accordance with MIL-PRF-38535, appendix A
Q or V
Certification and qualification to MIL-PRF-38535


Similar Part No. - 5962-88565022A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results

Similar Description - 5962-88565022A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
   Radiation Hardened, Low Noise Quad Operational Amplifiers
logo
List of Unclassifed Man...
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com