Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3973SLB-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3973SLB-T
Description  Dual DMOS Full-Bridge Microstepping PWM Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3973SLB-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3973SLB-T Datasheet HTML 1Page - Allegro MicroSystems A3973SLB-T Datasheet HTML 2Page - Allegro MicroSystems A3973SLB-T Datasheet HTML 3Page - Allegro MicroSystems A3973SLB-T Datasheet HTML 4Page - Allegro MicroSystems A3973SLB-T Datasheet HTML 5Page - Allegro MicroSystems A3973SLB-T Datasheet HTML 6Page - Allegro MicroSystems A3973SLB-T Datasheet HTML 7Page - Allegro MicroSystems A3973SLB-T Datasheet HTML 8Page - Allegro MicroSystems A3973SLB-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Dual DMOS Full-Bridge
Microstepping PWM Motor Driver
A3973
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Package
Packing
A3973SB-T
24 pin DIP with two power tabs
15 pieces per tube
A3973SLB-T
24 pin SOICW with four internally fused pins
31 pieces per tube
A3973SLBTR-T
24 pin SOICW with four internally fused pins
1000 pieces per reel
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VBB
35
V
Output Current*
IOUT
±1.0
A
Logic Supply Voltage
VDD
7.0
V
Logic Input Voltage Range
VIN
–0.3 to VDD + 0.3
V
Reference Voltage
VREF
3V
Sense Voltage (DC)
VS
500
mV
Package Power Dissipation
PD
Package B
3.1
W
Package LB
2.2
W
Operating Ambient Temperature
TA
Range S
–20 to 85
ºC
Junction Temperature
TJ
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
*Output current rating may be limited by duty cycle, ambient temperature, and heat sinking. Under any set of conditions, do not exceed
the specified current rating or a junction temperature of 150°C.


Similar Part No. - A3973SLB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3973SLB-T ALLEGRO-A3973SLB-T Datasheet
364Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
More results

Similar Description - A3973SLB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3992 ALLEGRO-A3992_13 Datasheet
549Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3992 ALLEGRO-A3992 Datasheet
477Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3973 ALLEGRO-A3973 Datasheet
364Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
3972 ALLEGRO-3972 Datasheet
190Kb / 12P
   DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
3973 ALLEGRO-3973 Datasheet
201Kb / 12P
   DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
December 1, 2000
A3972SB-T ALLEGRO-A3972SB-T Datasheet
282Kb / 11P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
logo
Shindengen Electric Mfg...
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018F SHINDENGEN-MTD2018F Datasheet
91Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com