Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPFR3504 Datasheet(PDF) 2 Page - First Components International

Part # HPFR3504
Description  35.0 Amp HOOK TYPE AUTO PRESSFIT Low forward voltage drop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

HPFR3504 Datasheet(HTML) 2 Page - First Components International

  HPFR3504 Datasheet HTML 1Page - First Components International HPFR3504 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES HPFR3502 ~HPFR3506
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
3
5
3
0
8
5
3
10
20
10
100
1000
1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
75
125
150
25
100
175
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
75
150
225
300
375
450
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
1000
100
10
20
40
60
80
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=175
oC
TJ=25
oC
Data Sheet
3
5.0 Amp HOOK TYPE
AUTO PRESSFIT


Similar Part No. - HPFR3504

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
HPFR3501 FCI-HPFR3501 Datasheet
487Kb / 2P
   35.0 Amp HOOK TYPE AUTO PRESSFIT
logo
FCI connector
HPFR3502-3506 FCI-CONNECTOR-HPFR3502-3506 Datasheet
487Kb / 2P
   35.0 Amp HOOK TYPE AUTO PRESSFIT
More results

Similar Description - HPFR3504

ManufacturerPart #DatasheetDescription
logo
FCI connector
HPFR3502-3506 FCI-CONNECTOR-HPFR3502-3506 Datasheet
487Kb / 2P
   35.0 Amp HOOK TYPE AUTO PRESSFIT
logo
First Components Intern...
HPFR3501 FCI-HPFR3501 Datasheet
487Kb / 2P
   35.0 Amp HOOK TYPE AUTO PRESSFIT
PFFR5002 FCI-PFFR5002 Datasheet
505Kb / 2P
   50.0 Amp FLAG TYPE AUTO PRESSFIT Low forward voltage drop
PBFR2502 FCI-PBFR2502 Datasheet
848Kb / 2P
   25.0 Amp BOSCH TYPE AUTO PRESSFIT Low forward voltage drop
logo
FCI connector
PHFR3502-3506 FCI-CONNECTOR-PHFR3502-3506 Datasheet
552Kb / 2P
   35.0 Amp HITACHI TYPE AUTO PRESSFIT
logo
First Components Intern...
PMFR3501 FCI-PMFR3501 Datasheet
537Kb / 2P
   35.0 Amp MOTOROLA TYPE AUTO PRESSFIT
logo
FCI connector
PMFR3502-3506 FCI-CONNECTOR-PMFR3502-3506 Datasheet
537Kb / 2P
   35.0 Amp MOTOROLA TYPE AUTO PRESSFIT
PLFR3502-3506 FCI-CONNECTOR-PLFR3502-3506 Datasheet
459Kb / 2P
   35.0 Amp LUCAS AUTO PRESSFIT
logo
First Components Intern...
PLFR3501 FCI-PLFR3501 Datasheet
459Kb / 2P
   35.0 Amp LUCAS AUTO PRESSFIT
FDR5002 FCI-FDR5002 Datasheet
921Kb / 2P
   50.0 Amp DISH AUTO DIODES Low forward voltage drop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com