Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24HJ32GP304 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24HJ32GP304
Description  16-bit Microcontrollers (up to 128 KB Flash and 8K SRAM) with Advanced Analog
Download  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ32GP304 Datasheet(HTML) 1 Page - Microchip Technology

  PIC24HJ32GP304 Datasheet HTML 1Page - Microchip Technology PIC24HJ32GP304 Datasheet HTML 2Page - Microchip Technology PIC24HJ32GP304 Datasheet HTML 3Page - Microchip Technology PIC24HJ32GP304 Datasheet HTML 4Page - Microchip Technology PIC24HJ32GP304 Datasheet HTML 5Page - Microchip Technology PIC24HJ32GP304 Datasheet HTML 6Page - Microchip Technology PIC24HJ32GP304 Datasheet HTML 7Page - Microchip Technology PIC24HJ32GP304 Datasheet HTML 8Page - Microchip Technology PIC24HJ32GP304 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 390 page
background image
© 2007-2012 Microchip Technology Inc.
DS70293G-page 1
PIC24HJ32GP302/304,
PIC24HJ64GPX02/X04 and
PIC24HJ128GPX02/X04
Operating Conditions
• 3.0V to 3.6V, -40ºC to +150ºC, DC to 20 MIPS
• 3.0V to 3.6V, -40ºC to +125ºC, DC to 40 MIPS
Clock Management
• 2% internal oscillator
• Programmable PLL and oscillator clock sources
• Fail-Safe Clock Monitor (FSCM)
• Independent Watchdog Timer
• Low-power management modes
• Fast wake-up and start-up
High-Efficiency Math Engine
• Single-cycle MUL plus hardware divide
Advanced Analog Features
• 10/12-bit ADC with 1.1Msps/500 ksps conversion
rate:
- Up to 13 ADC input channels and four S&H
- Flexible/Independent trigger sources
• 150 ns Comparators:
- Up to two Analog Comparator modules
- 4-bit DAC with two ranges for Analog Comparators
Input/Output
• Software remappable pin functions
• 5V-tolerant pins
• Selectable open drain and internal pull-ups
• Up to 5 mA overvoltage clamp current/pin
• Multiple external interrupts
System Peripherals
• Cyclic Redundancy Check (CRC) module
• Up to five 16-bit and up to two 32-bit Timers/
Counters
• Up to four Input Capture (IC) modules
• Up to four Output Compare (OC) modules
• Real-Time Clock and Calendar (RTCC) module
Communication Interfaces
• Parallel Master Port (PMP)
• Two UART modules (10 Mbps)
- Supports LIN 2.0 protocols
- RS-232, RS-485, and IrDA® support
• Two 4-wire SPI modules (15 Mbps)
• Enhanced CAN (ECAN) module (1 Mbaud) with
2.0B support
•I2C module (100K, 400K and 1Mbaud) with
SMBus support
Direct Memory Access (DMA)
• 8-channel hardware DMA with no CPU stalls or
overhead
• UART, SPI, ADC, ECAN, IC, OC, INT0
Qualification and Class B Support
• AEC-Q100 REVG (Grade 0 -40ºC to +150ºC)
• Class B Safety Library, IEC 60730, VDE certified
Debugger Development Support
• In-circuit and in-application programming
• Two program breakpoints
• Trace and run-time watch
Packages
Type
SPDIP
SOIC
QFN-S
QFN
TQFP
Pin Count
28
28
28
44
44
I/O Pins
21
21
21
35
35
Contact Lead/Pitch
.100''
1.27
0.65
0.65
0.80
Dimensions
1.365x.285x.135''
17.9x7.50x2.05
6x6x0.9
8x8x0.9
10x10x1
Note: All dimensions are in millimeters (mm) unless specified.
16-bit Microcontrollers
(up to 128 KB Flash and 8K SRAM) with Advanced Analog


Similar Part No. - PIC24HJ32GP304

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24HJ32GP304 MICROCHIP-PIC24HJ32GP304 Datasheet
5Mb / 368P
   High-Performance, 16-bit Microcontrollers
2011
More results

Similar Description - PIC24HJ32GP304

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
   16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ128GP802-E-MM MICROCHIP-DSPIC33FJ128GP802-E-MM Datasheet
6Mb / 436P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
11/29/11
DSPIC33FJ32GP302 MICROCHIP-DSPIC33FJ32GP302_12 Datasheet
6Mb / 436P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
11/29/11
DSPIC33FJ64GP802-I MICROCHIP-DSPIC33FJ64GP802-I Datasheet
6Mb / 436P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
11/29/11
DSPIC33FJ64GP204-I MICROCHIP-DSPIC33FJ64GP204-I Datasheet
6Mb / 436P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
11/29/11
DSPIC33FJ64GP202-ESP MICROCHIP-DSPIC33FJ64GP202-ESP Datasheet
6Mb / 436P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
11/29/11
PIC32MX150F128B-I MICROCHIP-PIC32MX150F128B-I Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX120F032B-I-SS MICROCHIP-PIC32MX120F032B-I-SS Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX_12 Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com