Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC2501 Datasheet(PDF) 2 Page - First Components International

Part # GBPC2501
Description  25 Amp Glass Passivated SINGLE PHASE SILICON BRIDGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GBPC2501 Datasheet(HTML) 2 Page - First Components International

  GBPC2501 Datasheet HTML 1Page - First Components International GBPC2501 Datasheet HTML 2Page - First Components International GBPC2501 Datasheet HTML 3Page - First Components International GBPC2501 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
25
15
5
20
10
0.1
1.0
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
50
100
150
200
250
300
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p


Similar Part No. - GBPC2501

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC2501 PANJIT-GBPC2501 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
logo
EIC discrete Semiconduc...
GBPC2501 EIC-GBPC2501 Datasheet
100Kb / 2P
   GLASS PASSIVATED SINGLE
logo
ON Semiconductor
GBPC2501 ONSEMI-GBPC2501 Datasheet
329Kb / 7P
   Bridge Rectifiers (Glass Passivated)
July, 2020 - Rev. 2
logo
Surge Components
GBPC2501 SURGE-GBPC2501 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBPC2501 MCC-GBPC2501 Datasheet
173Kb / 3P
   25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBPC2501

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
W005G FCI-W005G Datasheet
125Kb / 2P
   1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
GBJ6005 FCI-GBJ6005 Datasheet
78Kb / 2P
   6.0 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
D1S FCI-D1S Datasheet
125Kb / 2P
   0.8 Amp Glass Passivated Single Phase Silicon Bridge
DF15005 FCI-DF15005 Datasheet
110Kb / 2P
   1.5 Amp Glass Passivated Single Phase Silicon Bridge
DF005 FCI-DF005_1 Datasheet
144Kb / 2P
   1.0 Amp Glass Passivated Single Phase Silicon Bridge
logo
DIYI Electronic Technol...
GBJ20005 DYELEC-GBJ20005 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ25005 DYELEC-GBJ25005 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ35005 DYELEC-GBJ35005 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ6005 DYELEC-GBJ6005 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Components Intern...
GBP200 FCI-GBP200 Datasheet
162Kb / 2P
   2.0 Amp Glass passivated Single Phase Bridge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com