Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6441 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6441
Description  450 nA, 9 kHz Op Amp
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6441 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6441_12 Datasheet HTML 7Page - Microchip Technology MCP6441_12 Datasheet HTML 8Page - Microchip Technology MCP6441_12 Datasheet HTML 9Page - Microchip Technology MCP6441_12 Datasheet HTML 10Page - Microchip Technology MCP6441_12 Datasheet HTML 11Page - Microchip Technology MCP6441_12 Datasheet HTML 12Page - Microchip Technology MCP6441_12 Datasheet HTML 13Page - Microchip Technology MCP6441_12 Datasheet HTML 14Page - Microchip Technology MCP6441_12 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
© 2010-2012 Microchip Technology Inc.
DS22257C-page 11
MCP6441/2/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
3.1
Analog Output (VOUT)
The output pin is a low-impedance voltage source.
3.2
Power Supply Pins (VDD, VSS)
The positive power supply (VDD) is 1.4V to 6.0V higher
than the negative power supply (VSS). For normal
operation, the other pins are at voltages between VSS
and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
3.3
Analog Inputs (VIN+, VIN-)
The non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.4
Exposed Thermal Pad (EP)
There is an internal connection between the Exposed
Thermal Pad (EP) and the VSS pin; they must be con-
nected to the same potential on the Printed Circuit
Board (PCB).
This pad can be connected to a PCB ground plane to
provide a larger heat sink. This improves the package
thermal resistance (
θ
JA).
TABLE 3-1:
PIN FUNCTION TABLE
MCP6441
MCP6442
MCP6444
Symbol
Description
SC70-5,
SOT-23-5
SOIC,
MSOP
2x3 TDFN
SOIC,
TSSOP
11
1
1
VOUT, VOUTA Analog Output (op amp A)
42
2
2
VIN–, VINA
Inverting Input (op amp A)
33
3
3
VIN+, VINA+ Non-inverting Input (op amp A)
58
8
4
VDD
Positive Power Supply
—5
5
5
VINB+
Non-inverting Input (op amp B)
—6
6
6
VINB-
Inverting Input (op amp B)
—7
7
7
VOUTB
Analog Output (op amp B)
——
8
VOUTC
Analog Output (op amp C)
——
9
VINC-
Inverting Input (op amp C)
——
10
VINC+
Non-inverting Input (op amp C)
24
4
11
VSS
Negative Power Supply
——
12
VIND+
Non-inverting Input (op amp D)
——
13
VIND-
Inverting Input (op amp D)
——
14
VOUTD
Analog Output (op amp D)
9
EP
Exposed Thermal Pad (EP);
must be connected to VSS


Similar Part No. - MCP6441_12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6441 MICROCHIP-MCP6441_11 Datasheet
1Mb / 42P
   450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
2011
More results

Similar Description - MCP6441_12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6441 MICROCHIP-MCP6441 Datasheet
635Kb / 30P
   450 nA, 9 kHz Op Amp
2010
MCP6441 MICROCHIP-MCP6441_11 Datasheet
1Mb / 42P
   450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
2011
MCP6421 MICROCHIP-MCP6421 Datasheet
2Mb / 34P
   4.4 關A, 90 kHz Op Amp
2013
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
AD846 AD-AD846_15 Datasheet
311Kb / 12P
   450 V/ms, Precision, Current-Feedback Op Amp
REV. B
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
   450 UA, 5 MHz Rail-to-Rail Op Amp
2004
logo
Oscilent Corporation
730-450-AW OSCILENT-730-450-AW Datasheet
138Kb / 2P
   450 KHz 6 Element
733-450-AU OSCILENT-733-450-AU Datasheet
137Kb / 2P
   450 KHz 4 Element
737-450-AW OSCILENT-737-450-AW Datasheet
139Kb / 2P
   450 KHz 6 Element
737 OSCILENT-737 Datasheet
139Kb / 2P
   450 KHz 6 Element
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com