Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ3E2X7R1C154K080AA Datasheet(PDF) 1 Page - TDK Electronics

Part # CGJ3E2X7R1C154K080AA
Description  CGJ Series High Reliability Grade General (Up to 50V)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ3E2X7R1C154K080AA Datasheet(HTML) 1 Page - TDK Electronics

  CGJ3E2X7R1C154K080AA Datasheet HTML 1Page - TDK Electronics CGJ3E2X7R1C154K080AA Datasheet HTML 2Page - TDK Electronics CGJ3E2X7R1C154K080AA Datasheet HTML 3Page - TDK Electronics CGJ3E2X7R1C154K080AA Datasheet HTML 4Page - TDK Electronics CGJ3E2X7R1C154K080AA Datasheet HTML 5Page - TDK Electronics CGJ3E2X7R1C154K080AA Datasheet HTML 6Page - TDK Electronics CGJ3E2X7R1C154K080AA Datasheet HTML 7Page - TDK Electronics CGJ3E2X7R1C154K080AA Datasheet HTML 8Page - TDK Electronics CGJ3E2X7R1C154K080AA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
002-01 / 20130328 / mlcc_highreliability_general_en
Type:
CGJ2 [EIA CC0402]
CGJ3 [EIA CC0603]
CGJ4 [EIA CC0805]
CGJ5 [EIA CC1206]
CGJ6 [EIA CC1210]
Issue date:
April 2013
CGJ Series
High Reliability Grade
General (Up to 50V)
MULTILAYER CERAMIC CHIP CAPACITORS


Similar Part No. - CGJ3E2X7R1C154K080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R1C154K080AA TDK-CGJ3E2X7R1C154K080AA_17 Datasheet
234Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGJ3E2X7R1C154K080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R1E103K080AA TDK-CGJ3E2X7R1E103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E3X7R1C684K080AB TDK-CGJ3E3X7R1C684K080AB Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C473K080AA TDK-CGJ3E2X7R1C473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C334K080AA TDK-CGJ3E2X7R1C334K080AA Datasheet
140Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H104K080AA TDK-CGJ3E2X7R1H104K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R0J684K080AA TDK-CGJ3E2X7R0J684K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E333K080AA TDK-CGJ3E2X7R1E333K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E473K080AA TDK-CGJ3E2X7R1E473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H103K080AA TDK-CGJ3E2X7R1H103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1A105K080AA TDK-CGJ3E2X7R1A105K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com