Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14672 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14672
Description  Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14672 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14672 Datasheet HTML 1Page - Maxim Integrated Products MAX14672 Datasheet HTML 2Page - Maxim Integrated Products MAX14672 Datasheet HTML 3Page - Maxim Integrated Products MAX14672 Datasheet HTML 4Page - Maxim Integrated Products MAX14672 Datasheet HTML 5Page - Maxim Integrated Products MAX14672 Datasheet HTML 6Page - Maxim Integrated Products MAX14672 Datasheet HTML 7Page - Maxim Integrated Products MAX14672 Datasheet HTML 8Page - Maxim Integrated Products MAX14672 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MAX14670–MAX14673
Bidirectional Current-Blocking, High-Input
Overvoltage Protector
with Adjustable OVLO
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics
(VIN = +5V, OVLO = GND, CIN = 0.1µF, COUT = 1µF, TA = +25°C, unless otherwise noted.)
IN SUPPLY CURRENT
vs. IN VOLTAGE
IN VOLTAGE (V)
20
10
50
100
150
200
250
300
350
400
0
0
30
MAX14670
TA = +85ºC
TA = +25ºC
TA = -40ºC
OVLO LEAKAGE CURRENT
vs. OVLO VOLTAGE
VOVLO (V)
6
4
2
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
8
VIN = 0V
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (ºC)
60
35
-15
10
0.7
0.8
0.9
1.0
1.2
1.1
1.3
1.4
0.6
-40
85
VIN = +5V
IOUT = 1A
NORMALIZED TO +25ºC
VIN = +3.6V
NORMALIZED ON-RESISTANCE
vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
4
3
2
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0
5
NORMALIZED TO 0.1A
LOAD CURRENT
OUTPUT VOLTAGE (V)
20
15
10
5
50
100
150
200
250
300
0
0
25
OUTPUT SUPPLY CURRENT
vs. OUTPUT VOLTAGE
TA = +25ºC
TA = +85ºC
TA = -40ºC
OTG_EN = HIGH
OUT-IN LEAKAGE CURRENT
vs. OUT VOLTAGE
OUT VOLTAGE (V)
4
2
1
2
3
4
5
6
7
8
9
10
0
0
6
VIN = 0V
NORMALIZED INTERNAL OVLO
THRESHOLD vs. TEMPERATURE
TEMPERATURE (ºC)
60
35
10
-15
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
0.95
-40
85
NORMALIZED TO +25ºC


Similar Part No. - MAX14672

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14672ETB+T MAXIM-MAX14672ETB+T Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
More results

Similar Description - MAX14672

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
MAX14653 MAXIM-MAX14653 Datasheet
2Mb / 11P
   High-Current Overvoltage Protector with Adjustable OVLO
Rev 0; 1/13
logo
Anpec Electronics Corop...
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
   High-Current Overvoltage Protectors with Adjustable OVLO
logo
Maxim Integrated Produc...
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14653 MAXIM-MAX14653_V01 Datasheet
913Kb / 11P
   High-Current Overvoltage Protectors with Adjustable OVLO
2014
logo
Kinetic Technologies.
KTS1676 KINETIC-KTS1676 Datasheet
988Kb / 20P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04c
KTS1675 KINETIC-KTS1675 Datasheet
989Kb / 22P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1686 KINETIC-KTS1686 Datasheet
676Kb / 13P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
November 2016 - Revision 04a
KTS1675A KINETIC-KTS1675A Datasheet
840Kb / 18P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
logo
Maxim Integrated Produc...
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com